Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 32 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 32 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 36Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
Frame_Period_Lower
Address: 0x10
Access: Read
Reset Value: Undefined
Bit
7
6
5
4
3
2
1
0
Field
FP7
FP6
FP5
FP4
FP3
FP2
FP1
FP0
Frame_Period_Upper
Address: 0x11
Access: Read
Reset Value: Undefined
Bit
7
6
5
4
3
2
1
0
Field
FP15
FP14
FP13
FP12
FP11
FP10
FP9
FP8
Data Type: Sixteen bit unsigned integer.
USAGE: Read these registers to determine the current frame period and to calculate the frame rate. Units are clock
cycles. The formula is
Frame Rate = Clock Frequency/Register value
To read from the registers, read Frame_Period_Upper first followed by Frame_Period Lower.
To set the frame rate manually, disable automatic frame rate mode via the Extended_Config register and write the
desired count value to the Frame_Period_Maximum_Bound registers.
The following table lists some Frame_Period values for popular frame rates with a 24MHz clock.
Frames/second
Counts
Frame_Period
Decimal
Hex
Upper
Lower
6469
3,710
OE7E
OE
7E
5000
4,800
12C0
12
C0
3000
8,000
1F40
1F
40
2000
12,000
2EE0
2E
E0
Motion_Clear
Address: 0x12
Access: Write
Reset Value: Undefined
Data Type: Any.
USAGE: Writing any value to this register will cause the Delta_X, Delta_Y, and internal motion registers to be cleared.
Use this as a fast way to reset the motion counters to zero without resetting the entire chip.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com