Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
Extended_Config
Address: 0x0b
Access: Read/Write
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
Busy
Reserved
Reserved
Reserved
Reserved
Serial_NPU
NAGC
Fixed_FR
Data Type: Bit field
USAGE: Register 0x0b allows the user to change the configuration of the sensor. Shown below are the bits, their default
values, and optional values.
Field Name
Description
Busy
Read-only bit. Indicates if it is safe to write to one or more of the following registers:
Frame_Period_Max_Bound_Upper and Lower
Frame_Period_Min_Bound_Upper and Lower
Shutter_Max_Bound_Upper and Lower
After writing to the Frame_Period_Max_Bound_Upper register, at least two frames must pass before
writing again to any of the above registers. This bit may be used in lieu of a timer since the actual frame
rate may not be known when running in auto mode.
0 = writing to the registers is allowed
1 = do not write to the registers yet
Serial_NPU
Disable serial port pull-up current sources
0 = no, current sources are on
1 = yes, current sources are off
NAGC
Disable AGC. Shutter will be set to the value in the Shutter_Max_Bound registers.
0 = no, AGC is active
1 = yes, AGC is disabled
Fixed_FR
Fixed frame rate (disable automatic frame rate control). When this bit is set, the frame rate will be
determined by the value in the Frame_Period_Max_Bound registers.
0 = automatic frame rate
1 = fixed frame rate
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com