Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  ADNS-3090 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
Figure 2. Package outline drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent
damage and/or degradation which may be induced by ESD.
Section A-A
(3.67)
0.144
1.82
± 0.03
0.071
± 0.001
( 1.5 ~ Draft)
A
A
Pin #1
6.025
0.237
4.55
0.179
7.28
± 0.03
0.287
± 0.001
13.38
0.527
∅ 5.60
± 0.03
0.220
± 0.001
∅ 1.05
± 0.03
0.041
± 0.001
Lead Width
0.50
0.020
22.30
0.878
(1.21)
0.048
(4.86)
0.191
Lead Offset
1.00
0.039
Lead Pitch
2.00
0.079
Chamfer
0.3
0.012
Kapton Tape
9.10
0.358
12.85
(At Shoulder)
0.506
(6.43)
0.253
0.25
0.010
0.99
0.039
3.18
0.125
7.05
0.278
12.85
± 0.74
(At Lead Tip)
0.506
± 0.029
2.25
± 0.03
0.089
± 0.001
90
± 3
Features for
Illustration only
Lot Code
Product Number
Date Code
Pin #1
Notes:
1. Dimensions in millimeters / inches.
2. Dimensional tolerance:
±0.1mm.
3. Coplanarity of leads: 0.1mm.
4. Lead pitch tolerance:
±0.15mm.
5. Non-cumulative pitch tolerance:
±0.15mm.
6. Angular tolerance:
±3.0
7. Maximum flash: 0.2mm.
8. Chamfer (25 x 2) on the taper side of the lead.
9. () These dimensions are for reference only and should
not be used to mechanically reference the sensor.
10. Document Number: LED_Spts_20A_Pkg_001.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3090 High-Performance Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com