Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  ADNS-3090 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
surface at the optimum angle. Features on the lens
align it to the sensor, base plate, and clip with the LED.
The lens also has a large round flange to provide a long
creepage path for any ESD events that occur at the
opening of the base plate.
The ADNS-2220-001 clip holds the LED in relation to
the lens. The LED must be inserted into the clip and the
LED’s leads formed prior to loading on the PCB. The clip
interlocks the sensor to the lens, and through the lens to
the alignment features on the base plate.
The HLMP-EG3E-xxxxx LED is recommended for illumina-
tion. If used with the bin table, sufficient illumination can
be guaranteed.
Figure 3. Recommended PCB mechanical cutouts and spacing
2D Assembly Drawing of ADNS-3090
Shown with ADNS-2120-001, ADNS-2220-001 and HLMP-
EG3E-xxxxx.
PixArt Imaging provides an IGES file drawing de-
scribing the base plate molding features for lens and PCB
alignment.
The components interlock as they are mounted onto
defined features on the base plate.
The ADNS-3090 sensor is designed for mounting on a
through hole PCB, looking down. There is an aperture
stop and features on the package that align to the lens.
The ADNS-2120-001 trim lens provides optics for the
imaging of the surface as well as illumination of the
Overview of Optical Mouse Sensor Assembly
2X ∅
Dimensions in millimeters / inches
43.13
1.698
42.53
1.674
39.06
1.538
3.55
0.140
1.50
0.059
12.60
0.496
11.38
0.448
1.28
0.050
20X ∅
0.80
0.031
0
1.22
0.048
3.22
0.127
15.88
0.625
13.88
0.546
7.60
0.299
5.06
0.199
1.00
0.039
28.13
1.107
29.50
1.161
Recommended
Clear Zone
0
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3090 High-Performance Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com