Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
Notes on Power-up and the serial port
Reset Circuit
The ADNS-3090 does not perform an internal power up
self-reset. The reset pin must be raised and lowered to
reset the chip. This should be done every time power is
applied. During power-up there will be a period of time
after the power supply is high but before any clocks are
available. The table below shows the state of the various
pins during power-up and reset when the RESET pin is
driven high by a micro-controller.
Power Down Circuit
The following table lists the pin states during power
down.
The chip is put into the power down (PD) mode by
lowering the NPD input. When in PD mode, the oscilla-
tor is stopped but all register contents are retained. To
achieve the lowest current state, all inputs must be held
externally within 200mV of a rail, either ground or VDD3.
The chip outputs are driven low or hi-Z during PD to
prevent current consumption by an external load.
LED Drive Mode
The LED has 2 modes of operation: DC and Shutter. In
DC mode it is on at all times the chip is powered except
when in the power down mode via the NPD pin. In
shutter mode the LED is on only during the portion of
the frame that light is required. The LED_MODE bit in the
Configuration_bits register sets the LED mode.
State of Signal Pins After VDD is Valid
Pin
Before Reset
During Reset
After Reset
SPI pullups
Undefined
Off
On (default)
NCS
Hi-Z control functional
Hi-Z control functional
Functional
MISO
Driven or hi-Z
(per NCS)
Driven or hi-Z
(per NCS)
Low or hi-Z
(per NCS)
SCLK
Undefined
Ignored
Functional
MOSI
Undefined
Ignored
Functional
LED_CTRL
Undefined
Low
High
RESET
Functional
High
(externally driven)
Functional
NPD
Undefined
Ignored
Functional
State of Signal Pins During Power Down
Pin
NPD low
After wake from PD
SPI pullups
off
pre-PD state
NCS
hi-Z control functional
functional
MISO
low or hi-Z (per NCS)
pre-PD state or hi-Z
SCLK
ignored
functional
MOSI
ignored
functional
LED_CTRL
low
high
RESET
functional
functional
NPD
low (driven externally)
functional
REFC
VDD3
REFC
OSC_IN
low
OSC_IN
OSC_OUT
high
OSC_OUT
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com