Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
Frame Capture
This is a fast way to download a full array of pixel values
from a single frame. This mode disables navigation and
overwrites any downloaded firmware. A hardware reset
is required to restore navigation, and the firmware must
be reloaded afterwards if required.
To trigger the capture, write to the Frame_Capture
register. The next available complete 1 2/3 frames (1536
values) will be stored to memory. The data are is retrieved
by reading the Pixel_Burst register once using the normal
read method, after which the remaining bytes are clocked
out by driving SCLK at the normal rate. The byte time
must be at least tLOAD. If the Pixel_ Burst register is read
before the data is ready, it will return all zeros.
To read a single frame, read a total of 900 bytes. The next
636 bytes will be approximately 2/3 of the next frame.
The first pixel of the first frame (1st read) has bit 6 set to
1 as a start-of-frame marker. The first pixel of the second
partial frame (901st read) will also have bit 6 set to 1. All
other bytes have bit 6 set to zero. The MSB of all bytes is
set to 1. If the Pixel_Burst register is read past the end
of the data (1537 reads and on) , the data returned will
be zeros.
After the download is complete, the micro-controller
must raise the NCS line for at least tBEXIT to terminate
burst mode. The read may be aborted at any time by
raising NCS.
Alternatively, the frame data can also be read one byte at
a time from the Frame_Capture register. See the register
description for more information.
Figure 24. Frame capture burst mode timing
NCS
address
data
address
address
MOSI
SCLK
P0
P1
P899
MISO
t NCS-SCLK
>120ns
frame capture reg write
enter burst
mode
t CAPTURE
tLOAD
Notes:
1. MSB = 1 for all bytes. Bit 6 = 0 for all bytes except pixel 0 of both frames which has bit 6 = 1 for use as a frame marker.
2. Reading beyond pixel 899 will return the first pixel of the second partial frame.
3. t CAPTURE ≥10μs + 3 frame periods.
4. This figure illustrates reading a single complete frame of 900 pixels. An additional 636 pixels from the next frame are available.
tLOAD
tSRAD
pixel dump reg read
P0 bit 6 set to 1
all MSB = 1
see note 2
soonest to begin again
frame capture reg
exit burst mode
tBEXIT
≥10μs
≥10μs
≥50μs
≥4μs
≥10μs
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com