Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  ADNS-7550 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADNS-7550
Integrated molded lead-frame DIP Sensor
Data Sheet
Theory of Operation
The ADNS-7550 integrated molded lead-frame DIP
sensor comprises of sensor and VCSEL in a single
package.
The advanced class of VCSEL was engineered by
PixArt
Imaging to provide a laser diode with a single lon-
gitudinal and a single transverse mode. In contrast to
most oxide-based single-mode VCSEL, this class of
PixArt
VCSEL remains within single mode operation over a wide
range of output power. It has significantly lower power
consumption than a LED. It is an excellent choice for
optical navigation applications.
The sensor is based on Laser technology, which
measures changes in position by optically acquiring se-
quential surface images (frames) and mathematically
determining the direction and magnitude of movement.
It contains an Image Acquisition System (IAS), a Digital
Signal Processor (DSP), and a four wire serial port. The IAS
acquires microscopic surface images via the lens and il-
lumination system. These images are processed by the
DSP to determine the direction and distance of motion.
The DSP calculates the Δx and Δy relative displacement
values. An external microcontroller reads the Δx and Δy
information from the sensor serial port. The microcon-
troller then translates the data into PS2, USB, or RF signals
before sending them to the host PC or game console.
Features
• Wide operating voltage: 4.0V-5.25V.
• Small form factor, integrated molded lead-frame chip-
on-board package
• Laser Technology
• High speed motion detection up to 30 ips and 8g
• Enhanced SmartSpeed self-adjusting frame rate for
optimum performance
• Motion detect pin output
• 12-bits motion data registers.
• Internal oscillator – no clock input needed.
• Selectable 400, 800, 1200, 1600, 2000 cpi resolution.
• Four wire serial port
• Minimal number of passive components
• Laser fault detect circuitry on-chip for Eye Safety
Compliance
• Advanced Technology VCSEL chip
• Single Mode Lasing operation
• 832-865 nm wavelength
Applications
• Laser Mice
• Optical trackballs
• Integrated molded lead-frame input devices
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw


Similar Part No. - ADNS-7550

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
Integrated molded lead-frame DIP Sensor
More results

Similar Description - ADNS-7550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
N18A NSC-N18A Datasheet
28Kb / 1P
MOLDED DIP, 18 LEAD, .300 CETER
logo
Bourns Electronic Solut...
4100T BOURNS-4100T Datasheet
181Kb / 1P
Thin Film Molded DIP
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
Molded DIP Reed Relays
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7530 AVAGO-ADNS-7530 Datasheet
493Kb / 36P
Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
Integrated molded lead-frame DIP Sensor
logo
Bourns Electronic Solut...
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
Thin Film Molded DIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
Integrated molded lead-frame DIP Sensor
logo
Meder Electronic
DIP MEDER-DIP Datasheet
433Kb / 5P
Molded DIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com