Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 32Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
LASER_CTRL1
Address: 0x1f
Access: Read/Write
Reset Value: 0x00
Data Type: 8 Bit unsigned
USAGE: Bits 7 and 6 of this register must be the complement of the corresponding bits in register 0x1A for the VCSEL
control to be as programmed, otherwise the laser turned is off and the LP_VALID bit in the MOTION register is set to
0. Registers 0x1A and 0x1F may be written in any order after power ON reset.
Bit
7
6
5
4
3
2
1
0
Field
Range_C1
Range_C0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Address: 0x20-0x2d
Observation
Address: 0x2e
Access: Read/Write
Reset Value: 0x00
Data Type: Bit field
USAGE: Register 0x2e provides bits that are set every frame. It can be used during EFT/B testing to check that the chip
is running correctly. Writing anything to this register will clear the bits. Wait for at least one frame before reading the
register.
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Reserved
Reserved
OBS4
OBS3
OBS2
OBS1
OBS0
Field Name
Description
OBS4-0
Set every frame
Reserved
Address: 0x2f-0x34, 0x36-0x39
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com