Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  ADNS-7550 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
Figure 2. Package outline drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD
Section A-A
4.10
0.161
0.36
0.014
1.69
0.067
2.83
0.111
4.05
0.159
A
A
Optical center
Protective
kapton tape
VCSEL hole
Sensor hole
3.18
0.125
2X
0.50
0.020
0.89
0.035
1.78
0.070
2X 0.50
0.020
0.78
0.031
1.52
0.060
5.05
0.199
10.10
0.398
16X 0.50
0.020
16.20
0.638
10.90
(At shoulder)
0.429
9.10
0.358
10.90
± 0.40 (At lead tip)
0.429
± 0.016
0.20
0.008
0.50
0.020
2.41
0.095
3.96
0.156
Feature For
Illustration Only
Pin 1
9.10
0.358
Notes:
1. Dimensions in milimeter / inches.
2. Dimensional tolerance:
±0.1mm.
3. Coplanarity of lead: 0.1mm
4. Lead pitch tolerance:
±0.15mm.
5. Non-cumulative pitch tolerance:
±0.15mm.
6. Maximum flash:
±0.2mm.
7. Angular tolerance: 3
8. Chamfer (25 x2) on the taper side of the lead.
9. Brackets () indicate reference dimension.
10. Document Number: LSR_INT_16A_Pkg_001
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com