Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
SQUAL
Address: 0x06
Access: Read
Reset Value: 0x00
Data Type: Upper 8 bits of a 9-bit unsigned integer.
USAGE: SQUAL (Surface Quality) is a measure of the number of valid features visible by the sensor in the current
frame.
The maximum SQUAL register value is 242. Since small changes in the current frame can result in
changes in SQUAL,
variations in SQUAL when looking at a surface are expected. The graph below shows 800 sequentially acquired SQUAL
values, while a sensor was moved slowly over white paper. SQUAL is nearly equal to zero, if there is no surface below
the sensor. SQUAL is typically maximized when the navigation surface is at the optimum distance from the imaging
lens (the nominal Z-height).
Bit
7
6
5
4
3
2
1
0
Field
SQ7
SQ6
SQ5
SQ4
SQ3
SQ2
SQ1
SQ0
Figure 22. SQUAL Values at 800cpi (White Paper)
Figure 23. Mean SQUAL vs. Z (White Paper)
SQUAL Value (White Paper)
At Z=0mm; Circle = 7.5" diameter; Speed=6ips
0
50
100
150
200
1
56 111 166 221 276 331 386 441 496 551 606 661 716 771 826
Count
Mean SQUAL vs Z (White Paper)
At Z=0mm; Circle = 7.5" diameter; Speed=6ips
0
50
100
150
200
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Delta from Nominal Focus (mm)
Avg-3sigma
Avg
Avg+3sigma
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com