Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 32 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 32 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 32Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
Motion_Burst
Address: 0x42
Access: Read
Reset Value: 0x00
Data Type: Various
USAGE: Read from this register to activate burst mode. The sensor will return the data in the Motion register, Delta_X_L,
Delta_Y_L, Delta_XY_H, Squal, Shutter_Upper, Shutter_Lower and Maximum_Pixel. Reading the first 3 bytes clears the
motion data. The read may be terminated anytime after Delta_X is read.
Bit
7
6
5
4
3
2
1
0
Field
MB7
MB6
MB5
MB4
MB3
MB2
MB1
MB0
Inverse_Revision_ID
Address: 0x3e
Access: Read
Reset Value: 0xfc
Data Type: Inverse 8-Bit unsigned integer
USAGE: This value is the inverse of the Revision_ID. It can be used to test the SPI port.
Bit
7
6
5
4
3
2
1
0
Field
NRID7
NRID6
NRID5
NRID4
NRID3
NRID2
NRID1
NRID0
Inverse_Product_ID
Address: 0x3f
Access: Write Only
Reset Value: 0xcd
Data Type: Inverse 8-Bit unsigned integer
USAGE: This value is the inverse of the Product_ID. It can be used to test the SPI port.
Bit
7
6
5
4
3
2
1
0
Field
NPID7
NPID6
NPID5
NPID4
NPID3
NPID2
NPID1
NPID0
Shut_thr
Address: 0x3d
Access: Read/Write
Reset Value: 0x56
Data Type: 7 Bit number
USAGE: Threshold defines the Shutter value when lifted runaway happens.
Sensor will suspect lifted runaway happens and suppress motion if (Shutter > Shut_thr[7:1]*32).
Bit
7
6
5
4
3
2
1
0
Field
Shut_thr7
Shut_thr6
Shut_thr5
Shut_thr4
Shut_thr3
Shut_thr2
Shut_thr1
Reserved
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com