Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
Shutter_Lower
Address: 0x08
Access: Read
Reset Value: 0x64
Shutter_Upper
Address: 0x07
Access: Read
Reset Value: 0x00
Data Type: Sixteen bit unsigned integer.
USAGE: Units are clock cycles. Read Shutter_Upper first, then Shutter_Lower. They should be read consecutively. The
shutter is adjusted to keep the average and maximum pixel values within normal operating ranges. The shutter value
is automatically adjusted.
Bit
7
6
5
4
3
2
1
0
Field
S7
S6
S5
S4
S3
S2
S1
S0
Bit
7
6
5
4
3
2
1
0
Field
S15
S14
S13
S12
S11
S10
S9
S8
Figure 24. Shutter Values at 800cpi (White Paper)
Figure 25. Mean Shutter vs. Z (White Paper)
Shutter Value (White Paper)
At Z=0mm; Circle Diameter=7.5"; Speed=6ips
0
10
20
30
40
50
60
70
80
1
47
93 139 185 231 277 323 369 415 461 507 553 599 645 691 737 783 829 875
Count
Mean Shutter vs Z (White paper)
At Z=0mm; Circles Diameter=7.5"; Speed=6ips
0
50
100
150
200
250
300
350
400
450
500
550
600
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Delta from Nominal Focus (mm)
Avg-3sigma
Avg
Avg+3sigma
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com