Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADNS-7550 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Pinout of ADNS-7550 Optical Mouse Sensor
Pin
Name
Description
1
VCSEL+VE
Positive Terminal of VCSEL
2
LASER_NEN
LASER Enable (Active LOW)
3
NCS
Chip select (active low input)
4
MISO
Serial data output (Master In/Slave Out)
5
SCLK
Serial clock input
6
MOSI
Serial data input (Master Out/Slave In)
7
MOTION
Motion Detect (active low output)
8
XYLASER
XYLASER
9
VDD5
5V Input
10
NC
No Connection
11
GND
Ground
12
RefB
3V output
13
RefA
1.8V regulator output
14
DGND
Digital Ground
15
VDDIO
IO Voltage input (1.65~3.6V)
16
VCSEL-VE
Negative Terminal of VCSEL
Figure 1. Device pin-out for ADNS-7550
Product Number
Vcsel Binning
Lot Code
Date Code
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Item
Marking
Remarks
Product Number
A7550
Date Code
XYYWWZV
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
V = VCSEL Die Source
VCSEL Binning
KL
Lot Code
VVV
Numeric
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com