Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7550 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  ADNS-7550 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Figure 3. Block diagram of ADNS-7550 integrated molded lead-frame DIP sensor
Regulatory Requirements
• Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with shielded cable
and following
PixArt recommendations.
• Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and
following
PixArt recommendations.
• Passes EN61000-4-4/IEC801-4 EFT tests when
assembled into a mouse with shielded cable and
following
PixArt recommendations.
• Provides sufficient ESD creepage/clearance distance
to avoid discharge up to 15kV when assembled into a
mouse according to usage instructions above.
Figure 4. 2D Assembly drawing of ADNS-7550 sensor coupled with the ADNS-6150 lens, PCB and base plate (top and cross-sectional view)
Oscillator
LASER Drive
MISO
MOTION
MOSI
LASER_NEN
VCSEL+VE
XYLASER
VCSEL-VE
DGND
VDDIO
GND
VDD5
RefA
Image Array
DSP
VCSEL
Laser Mouse Sensor
SCLK
NCS
RefB
DETAIL A
Top of PCB to Surface
7.40
0.291
Lens reference plane to Tracking surface (Z)
2.40
0.094
PCB thickness
1.60
0.063
Gap between PCB and base plate
3.40
0.134
Top of sensor to surface
9.05
0.356
Die to Surface
7.83
0.308
DETAIL A
Sensor Hole
Guide Post A
VCSEL Hole
Lens
Sensor
PCB
Base Plate Foot
Base Plate
Navigation Surface
B
B
Guide post A
Guide post B
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com