Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 6Page - SMSC Corporation USB2412 Datasheet HTML 7Page - SMSC Corporation USB2412 Datasheet HTML 8Page - SMSC Corporation USB2412 Datasheet HTML 9Page - SMSC Corporation USB2412 Datasheet HTML 10Page - SMSC Corporation USB2412 Datasheet HTML 11Page - SMSC Corporation USB2412 Datasheet HTML 12Page - SMSC Corporation USB2412 Datasheet HTML 13Page - SMSC Corporation USB2412 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.3 (12-27-11)
10
SMSC USB2412
DATASHEET
2.3
Pin Descriptions (Grouped by Function)
Table 2.2 USB2412 Pin Descriptions
PIN
#
SYMBOL
BUFFER
TYPE
DESCRIPTION
UPSTREAM USB 2.0 INTERFACES
21
22
USBDM_UP
USBDP_UP
IO-U
USB Bus Data: connect to the upstream USB bus data signals (host,
port, or upstream hub).
18
VBUS_DET
I/O12
Detect Upstream VBUS Power: detects the state of upstream VBUS
power. The SMSC hub monitors VBUS_DET to determine when to
assert the internal D+ pull-up resistor which signals a connect event.
When designing a detachable hub, this pin should be connected to
VBUS on the upstream port via a 2 to 1 voltage divider.
For self-powered applications with a permanently attached host, this
pin must be connected to a dedicated host control output, or
connected to 3.3 V domain that powers the host.‘
According to Section 7.2.1 of the USB 2.0 Specification 1., a
downstream port can never provide power to its D+ or D- pull-up
resistors unless the upstream port’s VBUS is in the asserted (powered)
state.
VBUS_DET monitors the state of the upstream VBUS signal and will
not pull-up the D+ resistor if VBUS is not active. If VBUS goes from
an active to an inactive state (Not Powered), the hub will remove
power from the D+ pull-up resistor within 10 seconds.
DOWNSTREAM USB 2.0 INTERFACES
1
3
28
2
USBDP_DN1
USBDP_DN2
USBDM_DN1
USBDM_DN2
IO-U
Hi-Speed USB Data: connect to the downstream USB peripheral
devices attached to the hub’s ports.
7
11
PRTPWR1
PRTPWR2
I/O12
USB Power Enable: enables power to USB peripheral devices that are
downstream, where the hub supports active high power controllers
only.
8
12
OCS_N1
OCS_N2
IPU
Over-Current Sense: input from external current monitor indicating an
over-current condition. This pin contains an internal pull-up to the 3.3 V
supply.
26
RBIAS
I-R
USB Transceiver Bias: a 12.0 k
Ω (+/- 1%) resistor is attached from
ground to this pin to set the transceiver’s internal bias settings.
MISC
13
NON_REM1
I/O
Non-removable Port Strap Option: this pin is sampled (in conjunction
with SUSP_IND/NON_REM0) at RESET_N negation to determine if
ports [2:1] contain permanently attached (non-removable) devices:
NON_REM[1:0] = 00: all ports are removable
NON_REM[1:0] = 01: port 1 is non-removable
NON_REM[1:0] = 10 and 11: ports 1 and 2 are non-removable
See Section 2.5, "Strap Option Pins" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com