Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 8Page - SMSC Corporation USB2412 Datasheet HTML 9Page - SMSC Corporation USB2412 Datasheet HTML 10Page - SMSC Corporation USB2412 Datasheet HTML 11Page - SMSC Corporation USB2412 Datasheet HTML 12Page - SMSC Corporation USB2412 Datasheet HTML 13Page - SMSC Corporation USB2412 Datasheet HTML 14Page - SMSC Corporation USB2412 Datasheet HTML 15Page - SMSC Corporation USB2412 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.3 (12-27-11)
12
SMSC USB2412
DATASHEET
2.4
Buffer Type Descriptions
2.5
Strap Option Pins
The NON_REM[1:0] strap option pins can be enabled using the internal default configuration. The
driver type of each strap pin is I/O (no internal pull-up or pull-down for the input function). Figure 2.2
shows an example of Strap High and Strap Low configurations, where Strap High sets the strap option
to a 1 and Strap Low sets the strap option value to 0. To use an external LED indicator, the options
outlined in Figure 2.3 should be implemented.
Figure 2.2 Non-Removable Pin Strap Example
29
ePAD
Ground Pad/ePad: this pin must be connected to VSS for the device
and must be tied to ground with multiple vias
5
NC
No Connect: no signal or trace should be routed or attached to these
pins.
Table 2.3 Buffer Type Descriptions
BUFFER
DESCRIPTION
I/O
Input/Output
IPD
Input with internal weak pull-down resistor
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
I/O12
Input/Output buffer with 12 mA sink and 12 mA source
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I-R
RBIAS
I/O-U
Analog Input/Output defined in USB specification
Table 2.2 USB2412 Pin Descriptions (continued)
PIN
#
SYMBOL
BUFFER
TYPE
DESCRIPTION
HUB
Strap Pin
Primary Function/
Strap High
+V
HUB
Strap Pin
Primary Function/
Strap Low
GND
50 k
Ω
50 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com