Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 10Page - SMSC Corporation USB2412 Datasheet HTML 11Page - SMSC Corporation USB2412 Datasheet HTML 12Page - SMSC Corporation USB2412 Datasheet HTML 13Page - SMSC Corporation USB2412 Datasheet HTML 14Page - SMSC Corporation USB2412 Datasheet HTML 15Page - SMSC Corporation USB2412 Datasheet HTML 16Page - SMSC Corporation USB2412 Datasheet HTML 17Page - SMSC Corporation USB2412 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.3 (12-27-11)
14
SMSC USB2412
DATASHEET
Chapter 3 Internal Default Configuration
SMSC’s USB 2.0 hub is fully compliant with the USB Specification1.. Refer to Chapter 10 (Hub
Specification) for general details regarding hub operation and functionality.
The hub provides one Transaction Translator (TT) that is shared by both downstream ports (defined
as Single-TT configuration). The TT contains 4 non-periodic buffers.
3.1
Hub Configuration
The USB2412 only supports internal defaults with the exception of the non-removable strap option
(using NON_REM[1:0]). The hub internal default settings are as follows:
Internal Default Configuration without over-rides
Strap options enabled
Self-powered operation enabled
Individual power switching
Individual over-current sensing
3.2
Reset
There are two different resets that the hub experiences. One is a hardware reset via RESET_N and
the second is a USB Bus Reset.
3.2.1
External Hardware RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
μs after all power
supplies are within operating range. While reset is asserted, the hub (and its associated external
circuitry) consumes less than 500
μA of current from the upstream USB power source.
Assertion of RESET_N causes the following:
1. All downstream ports are disabled, and PRTPWR power to downstream devices is removed.
2. The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3. All transactions immediately terminate; no states are saved.
4. All internal registers return to the default state (in most cases, 00h).
5. The external crystal oscillator is halted.
6. The PLL is halted.
7. The hub is “operational” 500
μs after RESET_N is negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com