Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 14Page - SMSC Corporation USB2412 Datasheet HTML 15Page - SMSC Corporation USB2412 Datasheet HTML 16Page - SMSC Corporation USB2412 Datasheet HTML 17Page - SMSC Corporation USB2412 Datasheet HTML 18Page - SMSC Corporation USB2412 Datasheet HTML 19Page - SMSC Corporation USB2412 Datasheet HTML 20Page - SMSC Corporation USB2412 Datasheet HTML 21Page - SMSC Corporation USB2412 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.3 (12-27-11)
18
SMSC USB2412
DATASHEET
Note 4.4
Output leakage is measured with the current pins in high impedance.
Note 4.5
See USB 2.0 Specification 1. for USB DC electrical characteristics.
O12, I/O12 &I/OSD12 Type Buffer
Low Output Level
High Output Level
Output Leakage
Hysteresis (‘SD’ pad only)
VOL
VOH
IOL
VHYSC
2.4
-10
250
0.4
+10
350
V
V
μA
mV
IOL = 12 mA @ VDD33
= 3.3 V
IOH = -12 mA @ VDD33
= 3.3 V
VIN = 0 to VDD33
(Note 4.1)
Supply Current Unconfigured
Hi-Speed Host
ICCINTHS
40
45
mA
Supply Current Unconfigured
Full-Speed Host
ICCINTFS
35
40
mA
Supply Current Configured
Hi-Speed Host, 1 downstream port
IHCH1
60
65
mA
Supply Current Configured
Hi-Speed Host, each additional
downstream port
1 port
base
+
25 mA
1 port
base
+
25 mA
mA
Supply Current Configured
Full-Speed Host, 1 downstream port
IFCC1
45
50
mA
There is no additional
current for additional
ports.
Supply Current Configured
Full-Speed Host, each additional
downstream port
1 port
base
+
8 mA
1 port
base
+
8 mA
mA
Supply Current Suspend
ICSBY
475
1000
μA
All supplies combined
Supply Current Reset
ICRST
550
1100
μA
All supplies combined
Table 4.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com