Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2412 Datasheet HTML 1Page - SMSC Corporation USB2412 Datasheet HTML 2Page - SMSC Corporation USB2412 Datasheet HTML 3Page - SMSC Corporation USB2412 Datasheet HTML 4Page - SMSC Corporation USB2412 Datasheet HTML 5Page - SMSC Corporation USB2412 Datasheet HTML 6Page - SMSC Corporation USB2412 Datasheet HTML 7Page - SMSC Corporation USB2412 Datasheet HTML 8Page - SMSC Corporation USB2412 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SMSC USB2412
DATASHEET
Revision 1.3 (12-27-11)
Datasheet
PRODUCT FEATURES
USB2412
2-Port USB 2.0 Hi-Speed
Hub Controller
General Description
The SMSC USB2412 hub is a low-power, single
transaction translator (STT) hub controller IC with two
downstream ports for embedded USB applications. The
SMSC hub controller supports low-speed, full-speed,
and hi-speed (if operating as a hi-speed hub)
downstream devices on all of the enabled downstream
ports.
Features
Fully integrated USB termination and pull-up/pull-
down resistors
Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core voltage
On-chip 24 MHz crystal driver or external 24 MHz
clock input
ESD protection up to 4 kilovolts on all USB pins
Supports self-powered operation
Contains a built-in default configuration; no external
configuration options or components are required
Downstream ports as optional non-removable ports
Supports compound devices on a port-by-port basis
28-pin QFN (5 x 5 mm) lead-free RoHS compliant
package
Supports the commercial temperature range:
0ºC to +70ºC
Highlights
High performance, low-power, small footprint hub
controller IC with two downstream ports
Fully compliant with the USB 2.0 Specification 1.
28QFN low pin count package
Optimized for minimal bill-of-materials and low cost
designs
Applications
Automobile/home audio systems
Cable/DSL modems
Embedded systems
Gaming consoles
HDD enclosures
IP telephony
KVM switches
LCD monitors and TVs
Multi-function USB peripherals
Mobile PC docking
PC motherboards
PC media drive bay
Portable hub boxes
Point-of-Sale (POS) systems
Printers and scanners
Server front panels
Set-top boxes, DVD players, DVR/PVR
Thin client terminals


Similar Part No. - USB2412

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2422-I/MJ SMSC-USB2422-I/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422/MJ SMSC-USB2422/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422T-I/MJ SMSC-USB2422T-I/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2412

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com