Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 12Page - SMSC Corporation USB2412 Datasheet HTML 13Page - SMSC Corporation USB2412 Datasheet HTML 14Page - SMSC Corporation USB2412 Datasheet HTML 15Page - SMSC Corporation USB2412 Datasheet HTML 16Page - SMSC Corporation USB2412 Datasheet HTML 17Page - SMSC Corporation USB2412 Datasheet HTML 18Page - SMSC Corporation USB2412 Datasheet HTML 19Page - SMSC Corporation USB2412 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.3 (12-27-11)
16
SMSC USB2412
DATASHEET
Chapter 4 DC Parameters
4.1
Maximum Guaranteed Ratings
Note 4.1
Refer to JEDEC Specification J-STD-020D 5..
Note 4.2
Stresses above the specified parameters could cause permanent damage to the device.
This is a stress rating only and functional operation of the device at any condition above
those indicated in the operation sections of this specification is not implied.
Note 4.3
When powering this device from laboratory or system power supplies, it is important that
the absolute maximum ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when the AC power is switched on or off.
In addition, voltage transients on the AC power line may appear on the DC output. When
this possibility exists, it is suggested that a clamp circuit be used.
4.2
Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Storage Temperature
TSTOR
-55
150
°C
Lead Temperature
°C
3.3 V supply voltage
VDD33
PLLFILT
CRFILT
4.6
V
Voltage on any I/O pin
-0.5
5.5
V
Voltage on XTALIN
-0.5
4.0
V
Voltage on XTALOUT
-0.5
2.5
V
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Operating
Temperature
TA
0
70
°C
Ambient temperature in still air.
3.3 V supply voltage
VDD33
3.0
3.6
V
3.3 V supply rise
time
tRT
0
400
μs
See Figure 4.1
Voltage on any I/O
pin
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX becomes:
(3.3 V supply voltage) + 0.5
Voltage on XTALIN
-0.3
VDD33
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com