Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 18Page - SMSC Corporation USB2412 Datasheet HTML 19Page - SMSC Corporation USB2412 Datasheet HTML 20Page - SMSC Corporation USB2412 Datasheet HTML 21Page - SMSC Corporation USB2412 Datasheet HTML 22Page - SMSC Corporation USB2412 Datasheet HTML 23Page - SMSC Corporation USB2412 Datasheet HTML 24Page - SMSC Corporation USB2412 Datasheet HTML 25Page - SMSC Corporation USB2412 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.3 (12-27-11)
22
SMSC USB2412
DATASHEET
Chapter 6 Package Outline
Figure 6.1 USB2412 28-Pin QFN Package Outline (5x5 mm Body, 0.5 Pitch, 3.1 ePad)
Notes:
1.
All dimensions are in millimeters.
2.
Position tolerance of each terminal and exposed pad is ±0.05 mm at maximum material condition. Instances of dimension “b”
apply to plated terminals and is measured between 0.15 and 0.33 mm from the terminal tip.
3.
Details of terminal #1 identifier are optional. However, they must be located within the area indicated.
4.
Coplanarity zone applies to exposed pad and terminals.
Table 6.1 Package Parameters
MIN
NOMINAL
MAX
NOTE
REMARKS
A
0.80
0.85
1.00
-
Overall Package Height
A1
0
0.02
0.05
-
Standoff
A2
0.60
-
0.80
-
Mold Cap Thickness
D/E
4.90
5.00
5.10
-
X/Y Overall Body Size
D1/E1
4.55
4.75
4.95
-
X/Y Mold Cap Size
D2/E2
3.00
3.10
3.20
-
X/Y Exposed Pad Size
L
0.30
0.40
0.50
-
Terminal Length
b
0.18
0.25
0.30
2
Terminal Width
K
0.45
0.55
-
-
Terminal to ePad Clearance
e
0.50 BSC
-
Terminal Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com