Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2412
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2412 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2412 Datasheet HTML 7Page - SMSC Corporation USB2412 Datasheet HTML 8Page - SMSC Corporation USB2412 Datasheet HTML 9Page - SMSC Corporation USB2412 Datasheet HTML 10Page - SMSC Corporation USB2412 Datasheet HTML 11Page - SMSC Corporation USB2412 Datasheet HTML 12Page - SMSC Corporation USB2412 Datasheet HTML 13Page - SMSC Corporation USB2412 Datasheet HTML 14Page - SMSC Corporation USB2412 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2412
11
Revision 1.3 (12-27-11)
DATASHEET
19
SUSP_IND /
I/O
Active/Suspend Status LED (suspend indicator): indicates the USB
hub state. See Section 2.5, "Strap Option Pins" for details.
NON_REM0 = 0: SUSP_IND is active high
NON_REM0 = 1: SUSP_IND is active low
negated = unconfigured, or configured and in USB suspend
asserted = hub is configured and is active (i.e., not in suspend)
NON_REM0
Non-removable Port Strap Option: this pin is sampled (in conjunction
with NON_REM1) at RESET_N negation to determine if ports [2:1]
contain permanently attached (non-removable) devices:
NON_REM[1:0] = 00: all ports are removable
NON_REM[1:0] = 01: port 1 is non-removable
NON_REM[1:0] = 10 and 11: ports 1 and 2 are non-removable
See Section 2.5, "Strap Option Pins" for details.
16
HS_IND
I/O12
Hi-Speed Upstream Port Indicator
Note:
An LED can be attached for visual indication. See Section
2.5, "Strap Option Pins" for details. When an LED is not used,
this pin requires a 50 k
Ω or higher resistor to ground.
negated = the hub is connected at FS
asserted = the hub is connected at HS
24
XTALIN
ICLKx
24 MHz Crystal Input: this pin connects to either one terminal of the
crystal or to an external 24 MHz clock when a crystal is not used.
CLKIN
External Clock Input: this pin connects to either one terminal of the
crystal or to an external 24 MHz clock when a crystal is not used.
23
XTALOUT
OCLKx
24 MHz Crystal Output: this is the other terminal of the crystal circuit
with 1.2 V p-p output and a weak (< 1mA) driving strength. When an
external clock source is used to drive XTALIN/CLKIN, leave this pin
unconnected, or use with appropriate caution.
6
TEST
IPD
Treat as a no connect pin or connect to ground. No trace or signal
should be routed or attached to this pin.
17
RESET_N
IS
RESET Input: the system can reset the chip by driving this input low,
where the minimum active low pulse is 1
μs.
POWER, GROUND, and NO CONNECTS
9
CRFILT
VDD Core Regulator Filter Capacitor: this pin can have up to 0.1
μF
low-ESR capacitor to VSS, or be left unconnected.
4
10
14
20
27
VDD33
3.3 V Power
25
PLLFILT
PLL Regulator Filter Capacitor: this pin can have up to 0.1
μF low-ESR
capacitor to VSS, or be left unconnected.
15
TEST1
This pin must be connected to VSS.
Table 2.2 USB2412 Pin Descriptions (continued)
PIN
#
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com