Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 8 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 8 Page - ams AG

Back Button AS5030 Datasheet HTML 4Page - ams AG AS5030 Datasheet HTML 5Page - ams AG AS5030 Datasheet HTML 6Page - ams AG AS5030 Datasheet HTML 7Page - ams AG AS5030 Datasheet HTML 8Page - ams AG AS5030 Datasheet HTML 9Page - ams AG AS5030 Datasheet HTML 10Page - ams AG AS5030 Datasheet HTML 11Page - ams AG AS5030 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
8 - 44
AS5030
Datasheet - Electrical Character i s t ics
6.6 Programming Parameters
6.7 DC Characteristics of Digital Inputs and Outputs
CMOS Inputs: CLK, CS, DIO, C1, C2
CMOS Outputs: DIO, MagRngn, PWM, DX
CMOS Tristate Output: DIO
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VPROG
Programming voltage
Static voltage at pin PROG
8.0
8.5
V
IPROG
Programming current
100
mA
TambPROG
Programming ambient temperature
During programming
0
85
°C
tPROG
Programming time
Timing is internally generated
2
4
µs
VR,prog
Analog readback voltage
During Analog Readback mode at pin PROG
0.5
V
VR,unprog
2.2
3.5
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
0.7*VDD
V
VIL
Low level input voltage
0.3*VDD
V
ILEAK
Input leakage current
1
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
Source current <4mA
VDD-0.5
V
VOH
Low level output voltage
Sink current <4mA
0.4
V
CL
Capacitive load
35
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOZ
Tristate leakage current
CS = low
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com