Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 9 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 9 Page - ams AG

Back Button AS5030 Datasheet HTML 5Page - ams AG AS5030 Datasheet HTML 6Page - ams AG AS5030 Datasheet HTML 7Page - ams AG AS5030 Datasheet HTML 8Page - ams AG AS5030 Datasheet HTML 9Page - ams AG AS5030 Datasheet HTML 10Page - ams AG AS5030 Datasheet HTML 11Page - ams AG AS5030 Datasheet HTML 12Page - ams AG AS5030 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
9 - 44
AS5030
Datasheet - Electrical Character i s t ics
6.8 8-bit PWM Output
6.9 Serial 8-bit Output
3-wire Interface.
2-wire Interface.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NPWM
PWM resolution
8bit
2
µs/step
PWMIN
PWM pulse width
Angle = 0° (00H)
1.66
2.26
2.85
µs
PWMAX
PWM pulse width
Angle = 358.6° (FFH)
427
578
731
µs
PWP
PWM period
Over full temperature range
1
1. The tolerance of the absolute PWM pulse width and frequency can be eliminated by using the duty cycle tON/(tON+tOFF) for angle
measurement(see 1-Wire PWM Connection on page 16).
428
581
734
µs
fPWM
PWM frequency
1 / PWM period
1.72
kHz
Hyst
Digital hysteresis
2
2. Hysteresis may be temporarily disabled by software(see 16-bit Write Command on page 24).
At change of rotation direction
1
bit
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fCLK
Clock frequency
Normal operation
6MHz
tCLK
166.6
ns
fclk,P
Clock frequency
During OTP programming
250
500
kHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fCLK
Clock frequency
Normal operation
0.1
6
MHz
tCLK
166.6
10,000
ns
fclk,P
Clock frequency
During OTP programming
250
500
kHz
tTO
Synchronization timeout
Rising edge of CLK to internally generated
chip select on pin DX
16.6
27
34.3
ms
Hyst
Digital hysteresis
1
1. Hysteresis may be temporarily disabled by software.
At change of rotation direction
1
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com