Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 10 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 10 Page - ams AG

Back Button AS5030 Datasheet HTML 6Page - ams AG AS5030 Datasheet HTML 7Page - ams AG AS5030 Datasheet HTML 8Page - ams AG AS5030 Datasheet HTML 9Page - ams AG AS5030 Datasheet HTML 10Page - ams AG AS5030 Datasheet HTML 11Page - ams AG AS5030 Datasheet HTML 12Page - ams AG AS5030 Datasheet HTML 13Page - ams AG AS5030 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
10 - 44
AS5030
Datasheet - Electrical Character i s t ics
6.10 General Data Transmission Timings
See Figure 5 for the corresponding timing diagram.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t0
Rising CLK to CS
CLK/2
+0
CLK/2
+50
ns
t1
Chip select to positive edge of CLK
50
ns
t2
Chip select to drive bus externally
0
ns
t3
Setup time command bit data valid to
positive edge of CLK
50
ns
t4
Hold time command bit data valid after
positive edge of CLK
15
ns
t5
Float time positive edge of CLK for last
command bit to bus float
CLK/2 +0
ns
t6
Bus driving time positive edge of CLK for
last command bit to bus drive
CLK/2
+0
ns
t7
Setup time data bit data valid to positive
edge of CLK
CLK/2
+0
CLK/2
+30
ns
t8
Hold time data bit data valid after positive
edge of CLK
CLK/2
+0
ns
t9
Hold time chip select positive edge CLK to
negative edge of chip select
CLK/2
+50
ns
t10
Bus floating time negative edge of chip
select to float bus
50
ns
t11
Hold time data bit @ write access
data valid to positive edge of CLK
50
ns
t12
Hold time data bit @ write access
data valid after positive edge of CLK
15
ns
t13
Bus floating time negative edge of chip
select to float bus
50
ns
tTO
Timeout period in 2-wire mode
(from rising edge of CLK)
20
24
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com