Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 4 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 4 Page - ams AG

  AS5030 Datasheet HTML 1Page - ams AG AS5030 Datasheet HTML 2Page - ams AG AS5030 Datasheet HTML 3Page - ams AG AS5030 Datasheet HTML 4Page - ams AG AS5030 Datasheet HTML 5Page - ams AG AS5030 Datasheet HTML 6Page - ams AG AS5030 Datasheet HTML 7Page - ams AG AS5030 Datasheet HTML 8Page - ams AG AS5030 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
4 - 44
AS5030
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1
MagRngn
Digital output / tri-state
Push-Pull output. Is ‘HIGH’ when the magnetic field strength is too
weak, e.g. due to missing magnet
2
PROG
Supply pin
Programming voltage input. Must be left open in normal operation.
Maximum load = 20pF (except during programming)
3
VSS
Supply ground
4
T3_SINn
-
This pin is used for factory testing. For normal operation it must be left
unconnected. Inverse SIN (Sinn) output in SIN/COS output mode
5
T2_SIN
-
This pin is used for factory testing. For normal operation it must be left
unconnected. SIN output in SIN/COS mode
6
T1_COSn
-
This pin is used for factory testing. For normal operation it must be left
unconnected. Inverse COS (Cosn) output in SIN/COS mode
7
T0_COS
-
This pin is used for factory testing. For normal operation it must be left
unconnected. COS output in SIN/COS mode
8
TC
-
Test pin. Connect to VSS or leave unconnected
9
DX
Digital output
Digital output for 2-wire operation and Daisy Chain mode
10
CLK
Digital input /
Schmitt-Trigger
Clock Input of Synchronous Serial Interface; Schmitt-Trigger input
11
CS
Chip Select for serial data transmission, active high; Schmitt-Trigger
input, external pull-down resistor (~50k
Ω) required in read-only mode
12
DIO
Bi-directional digital pin Data output / command input for digital serial interface
13
VDD
Supply pin
Positive supply voltage, 4.5V to 5.5V
14
C1
Digital input
(standard CMOS; no
pull-up or pull-down)
Configuration input: Connect to VSS for normal operation,
connect to VDD to enable SIN-COS outputs. This pin is scanned at
power-on-reset and at wake-up from one of the Ultra-low Power Modes
15
C2
Configuration input: Connect to VSS for 3-wire operation,
connect to VDD for 2-wire operation. This pin is scanned at power-on-
reset and at wake-up from one of the Ultra-low Power Modes
16
PWM
Digital output
Pulse Width Modulation output, 2µs pulse width per step
(2µs ~ 512µs)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
PROG
VSS
test3
test2
test1
test0
TC
MagRngn
DX
CLK
CS
DIO
VDD
C1
C2
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com