Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 34 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 34 Page - ams AG

Back Button AS5030 Datasheet HTML 30Page - ams AG AS5030 Datasheet HTML 31Page - ams AG AS5030 Datasheet HTML 32Page - ams AG AS5030 Datasheet HTML 33Page - ams AG AS5030 Datasheet HTML 34Page - ams AG AS5030 Datasheet HTML 35Page - ams AG AS5030 Datasheet HTML 36Page - ams AG AS5030 Datasheet HTML 37Page - ams AG AS5030 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
34 - 44
AS5030
Datasheet - Application In formatio n
8.8 Accuracy of the Encoder System
This chapter describes which individual factors influence the accuracy of the encoder system and how to improve them.
Accuracy is defined as the difference between measured angle and actual angle. This is not to be confused with resolution, which is the smallest
step that the system can resolve.
The two parameters are not necessarily linked together. A high resolution encoder may not necessarily be highly accurate as well.
8.8.1 Quantization Error
There is however a direct link between resolution and accuracy, which is the quantization error:
Figure 28. Quantization Error of a Low Resolution and a High Resolution System
The resolution of the encoder determines the smallest step size. The angle error caused by quantization cannot get better than ± ½ LSB. As
shown in Figure 28, a higher resolution system (right picture) has a smaller quantization error, as the step size is smaller.
For the AS5030, the quantization error is ± ½ LSB = ± 0.7°
Figure 29. Typical INL Error Over 360°
+½ LSB
-½ LSB
ideal function
digitized
function
low
resolution
ideal function
digitized
function
+½ LSB
-½ LSB
error
high
resolution
Quantization
Error
INL including quantization error
-1,5
-1
-0,5
0
0,5
1
1,5
0
45
90
135
180
225
270
315
360
Angle steps
INL
Average (16x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com