Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 6 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 6 Page - ams AG

Back Button AS5030 Datasheet HTML 2Page - ams AG AS5030 Datasheet HTML 3Page - ams AG AS5030 Datasheet HTML 4Page - ams AG AS5030 Datasheet HTML 5Page - ams AG AS5030 Datasheet HTML 6Page - ams AG AS5030 Datasheet HTML 7Page - ams AG AS5030 Datasheet HTML 8Page - ams AG AS5030 Datasheet HTML 9Page - ams AG AS5030 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
6 - 44
AS5030
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40°C to +125°C, VDD5V = 4.5V ~ 5.5V, all voltages referenced to VSS, unless otherwise noted.
6.1 Operating Conditions
6.2 System Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive supply voltage
4.5
5.5
V
IDD
Operating current
No load on outputs.
Minimum AGC (strong magnetic field)
14
18
mA
No load on outputs.
Maximum AGC (weak or no magnetic field)
18
22
Ioff
Power-down current
Low Power Mode
1400
2000
µA
Ultra-low Power Mode
30
120
TAMB
Ambient temperature
-40°F ~ +257°F
-40
125
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
N
Resolution
8bit
1.406
°
TPwrUp
Power up time
Startup from zero; AGC not regulated
1000
μs
Startup from zero until regulated AGC
3300
Startup from Power Down Mode
500
Startup from Low Power Mode
Setting 1: no hysteresis, no reset
46
Setting 2: hysteresis and reset
1500
tda
Propagation delay
Analog signal path;
over full temperature range
15
17
µs
tdd
Tracking rate
step rate of tracking ADC;
1 step = 1.406°
0.85
1.15
1.45
µs
tdelay
Signal processing delay
Total signal processing delay,
analog + digital (tda + tdd)
16.15
18.45
µs
T
Analog filter time constant
Internal low-pass filter
4.1
6.6
12.5
µs
INLcm
Accuracy
centered magnet
-2
2
°
within horizontal displacement radius
(see Magnet Specifications on page 7)
-3
3
TN
Transition noise
rms (1 sigma)
0.235
°
PORr
Power-on-reset levels
VDD rising
3.5
4.5
V
PORf
VDD falling
3.0
4.5
V
Hyst
Hysteresis | PORr - PORf |
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com