Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 40 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 40 Page - ams AG

Back Button AS5030 Datasheet HTML 36Page - ams AG AS5030 Datasheet HTML 37Page - ams AG AS5030 Datasheet HTML 38Page - ams AG AS5030 Datasheet HTML 39Page - ams AG AS5030 Datasheet HTML 40Page - ams AG AS5030 Datasheet HTML 41Page - ams AG AS5030 Datasheet HTML 42Page - ams AG AS5030 Datasheet HTML 43Page - ams AG AS5030 Datasheet HTML 44Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
40 - 44
AS5030
Datasheet - Application In formatio n
8.10 Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the chip as shown in the drawing below:
Figure 35. Defined Chip Center and Magnet Displacement Radius
Magnet Placement. The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm from the defined center of the IC.
The magnet may be placed below or above the device. The distance should be chosen such that the magnetic field on the die surface is within
the specified limits. The typical distance “z” between the magnet and the package surface is 0.5mm to 1.5mm, provided the use of the
recommended magnet material and dimensions (6mm x 3mm). Larger distances are possible, as long as the required magnetic field strength
stays within the defined limits.
However, a magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be indicated by
MagRngn (pin 1).
Figure 36. Vertical Placement of the Magnet
1
Defined
center
2.3975+/-0.055mm
3.2mm
3.2mm
Area of recommended maximum
magnet misalignment
Rd
2.3975+/-0.055mm
0. 77+/- 0.15mm
0. 23+/- 0.1mm
z
S
N
Package surface
Die surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com