Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 24 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 24 Page - ams AG

Back Button AS5030 Datasheet HTML 20Page - ams AG AS5030 Datasheet HTML 21Page - ams AG AS5030 Datasheet HTML 22Page - ams AG AS5030 Datasheet HTML 23Page - ams AG AS5030 Datasheet HTML 24Page - ams AG AS5030 Datasheet HTML 25Page - ams AG AS5030 Datasheet HTML 26Page - ams AG AS5030 Datasheet HTML 27Page - ams AG AS5030 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
24 - 44
AS5030
Datasheet - Application In formatio n
8.2.2 16-bit Write Command
These settings are temporary; they cannot be programmed permanently. The settings will be lost when the power supply is removed.
EN PROG
command must be sent with a fixed 16-bit code (8CAEH) to enable subsequent OTP access.
ULP/LP
n selects the Ultra-low Power Mode, when bit PSM is set: 0 = Low Power Mode, 1 = Ultra-low Power Mode
PSM
enables power saving modes: 0 = normal operation, 1 = reduced power mode selected by bit ULP/LPn
HYS
disables the hysteresis of the digital serial and PWM outputs:
0 (default) = 1-bit hysteresis, 1 = no hysteresis
DIS AGC
disables the automatic gain control. The AGC will be frozen to a gain setting written in bits AGC 5:0 (D6:D1), bit FA must be set.
rst
General Reset: 0 = normal operation, 1 = perform general reset (required after return from reduced power modes)
FA
Freeze AGC; 0 = normal operation, 1= freeze AGC with the values stored in bits AGC 5:0. The PWM output will be invalid when bit FA is set.
8.2.3 18-bit OTP Read Commands
Note:
To prohibit unintentional access to the OTP register, OTP PROG/write access is only enabled after the EN PROG command has been
sent. OTP access is locked again by sending a RD ANGLE or SET PWR MODE command.
EN PROG need not to be sent before a READ OTP.
During the 18bit OTP read/write transfer, each bit needs 4 clock pulses to be validated.
READ OTP
reads the contents of the OTP register in digital form. The reserved area may contain any value
ANALOG OTP RD
reads the contents of the OTP register as an analog voltage at pin PROG
sens
reads the sensitivity setting of the Hall elements: 00 = low sensitivity, 11 = high sensitivity
zero position
reads the programmed zero position; the actual angle of the magnet which is displayed as 000
Command
Bin
Hex
D15
D14
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EN PROG
10000
10
1
0
00
11
001
01
01
11
0
SET PWR
MODE
10001
11
ULP/
LPn
PSM
0
DIS HYST
10011
13
HYS
0
DIS AGC
10101
15
0
0
0
0
0
rst
0
0
0
AGC 5:0
FA
Command
Bin
Hex D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7
D6
D5
D4
D3
D2
D1
D0
READ OTP 01111
0F
reserved for factory settings
sens
1:0
zero position
7:0
ANALOG
OTP RD
01001
09
reserved for factory settings
sens
1:0
zero position
7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com