Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 11 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 11 Page - ams AG

Back Button AS8510 Datasheet HTML 7Page - ams AG AS8510 Datasheet HTML 8Page - ams AG AS8510 Datasheet HTML 9Page - ams AG AS8510 Datasheet HTML 10Page - ams AG AS8510 Datasheet HTML 11Page - ams AG AS8510 Datasheet HTML 12Page - ams AG AS8510 Datasheet HTML 13Page - ams AG AS8510 Datasheet HTML 14Page - ams AG AS8510 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
10 - 46
AS8510
Datasheet - Electrical Character i s t ics
6.4.1 Differential Input Amplifier for Current Channel
Notes:
1. Leakage test accuracy is limited by tester resource accuracy and tester hardware.
2. For gain 100 PGA input common mode is 0V and the minimum supply is 3.15V.
3. The measurement ranges are referred only by the gain of input amplifier, while other parameters such as bandwidth etc. are pro-
grammed independently.
4. This parameter is not measured directly in production. It is measured indirectly via gain measurements of the whole path. It is guaran-
teed by design.
5. Pole frequency of input amplifier changes with GAIN. The number is valid for the gain at G1, while the bandwidth will be higher for other
ranges. This parameter is not measured in production.
6. Based on device evaluation. Not tested.
7. These offsets are cancelled if chopping enabled (default).
8. Noise density calculated by taking system bandwidth as 150Hz.
9. Refer to Measurement Ranges shown in Table 13.
10. No impact on the measurement path. If the chopping is enabled, both the offset and offset drift will be eliminated.
11. For negative input voltages up to -160mV below ground, Input leakage is typically -20nA @ 65ºC due to forward conductance of
protection diode.
Table 15. Differential Input Amplifier for Current Channel
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN_AMP
Input voltage range
RSHH and RSHL
-160
+160
mV
IIN_AMP
Input current
1, 11
RSHH and RSHL@ +160mV input
voltage at 125ºC with PGA
-50
2
50
nA
ICM
Absolute input voltage range
2
-160
+300
mV
G = G1
Gain1
3, 4, 9
I10
100
G = G2
Gain2
3, 4, 9
I200
40
G = G3
Gain3
3, 4, 9
I400
25
G = G4
Gain4
3, 4, 9
I1500
5
e
Gain deviation
i = 1, 2, 3, 4
0.9 * Gi
1.1 * Gi
fP_AMP
Pole frequency
4, 5
15
kHz
εT1
Gain drift with temperature
6
-20ºC to +65ºC
Gain 5, 25, referenced to room
temperature
±0.3
%
VOSDRIFT
Offset drift with temperature
7, 10
350
µV
Vos
Input referred offset
7, 10
After trim,
for temperature range -20 to +65ºC
350
µV
Vos_ch
Chopping enabled
0
LSB
VNdin
Noise density
4, 8
25
nV/
√Hz
THD
Total harmonic distortion
For 150 Hz input signal
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com