Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 29 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 29 Page - ams AG

Back Button AS8510 Datasheet HTML 25Page - ams AG AS8510 Datasheet HTML 26Page - ams AG AS8510 Datasheet HTML 27Page - ams AG AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
28 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Digital Signal Path Control Registers for Current Channel
05
DEC_REG_R1_I
0100_ 0101
R/W
D[7]
This bit selects decimation rate is used for current
channel. Default is 0 (Down Sampling Rate is 64)
0
Down Sampling Rate is 64
1
Down Sampling Rate is 128
D[6:5]
These two bits select division ratio of oversampling
frequency clock MOD_CLK to be used as chopper
clock, CHOP_CLK.
Default is “10” (divide by 512)
00
Chopper Clock Always High
01
Divide by 256
10
Divide by 512
11
Divide by 1024
D[4:1]
These four bits select the decimation ratio of second
CIC stage. Default is “0010” (equal to 4)
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
1010
1024
1011
2048
1100
4096
1101
8192
1110
16384
1111
32768
D[0]
CIC1 Saturation Interrupt Mask Control.
Default is 1
0Unmask
1Mask
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com