Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 22 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 22 Page - ams AG

Back Button AS8510 Datasheet HTML 18Page - ams AG AS8510 Datasheet HTML 19Page - ams AG AS8510 Datasheet HTML 20Page - ams AG AS8510 Datasheet HTML 21Page - ams AG AS8510 Datasheet HTML 22Page - ams AG AS8510 Datasheet HTML 23Page - ams AG AS8510 Datasheet HTML 24Page - ams AG AS8510 Datasheet HTML 25Page - ams AG AS8510 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
21 - 46
AS8510
Datasheet - Detailed Descr i p ti on
7.4.4 Standby Mode2 (SBM2)
Standby Mode 2 is an extension of the Standby Mode1 to achieve even a lower power in the data acquisition system by providing interrupt to the
microcontroller only when the data sample exceeds the set current threshold. The Standby Mode can be entered only through the STOP state.
Transition to SBM2 mode occurs when the “START BIT” D0 of Mode Control register MOD_CTL_REG in Table 33 is set to “1” and Mode Control
Bits D7,D6 to “1,1” through SPI. In this mode the date rate is programmable with the time of Ta in the Ta control registers B, C. The data sample
is made available and an interrupt signal is generated on INT pin only when the input signal exceeds the threshold set in Current Threshold
Registers D,E. It should be noted here that the data is stable for Ta secs. The functionality is illustrated in Figure 8.
Figure 8. Standby Mode 2
7.5 Reference-Voltage
Band gap-reference voltage is used for the ADC as a reference and for the generation of the current for external temperature measurement.
7.6 Oscillators
A High-speed oscillator (HS) generates the oversampling clock. For internal state machine and Interrupt generation, a low-speed Oscillator (LS)
is also available.
7.7 Power-On Reset
The AS8510 has PORs, APOR and DPOR on analog and digital power supplies respectively. On PORs of both supplies, initialization sequence
happens and the system status is shown in state diagram (see Figure 4).
As shown in the state diagram, the system is in RESET state until DPOR output goes to logic HIGH and subsequently until APOR output goes to
logic HIGH. Once analog power supply is available, the system goes into OTP_INT state and loads the default values into the control and data
registers and goes into STOP state. If analog POR, APOR goes low at any time, the system goes into RESET state. In the STOP state, the
AS8510 can be programmed and by giving start command it starts working following the state machine.
ADC
t
Tconv
Start SBM2
Ta sec.
Ta sec.
Ta sec.
IDD
I
Tconv
Tconv
I
MCU
|I| > I Threshold
INT
Channel
DATA Register
DATA – A1
DATA – A0
DATA – A2
DATA – A3
TINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com