Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 14 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 14 Page - ams AG

Back Button AS8510 Datasheet HTML 10Page - ams AG AS8510 Datasheet HTML 11Page - ams AG AS8510 Datasheet HTML 12Page - ams AG AS8510 Datasheet HTML 13Page - ams AG AS8510 Datasheet HTML 14Page - ams AG AS8510 Datasheet HTML 15Page - ams AG AS8510 Datasheet HTML 16Page - ams AG AS8510 Datasheet HTML 17Page - ams AG AS8510 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
13 - 46
AS8510
Datasheet - Electrical Character i s t ics
6.4.5 Internal (Programmable) Current Source for External Temperature Measurement
Notes:
1. Current value can be programmed in steps of 8
μA from 0 to 256μA with a process error of 30%.
2. Temperature coefficient is not important since external temperature measurement is a 2 step measurement. The value specified is
guaranteed by design and will not be tested in production.
3. Maximum voltage on pin ETR (reference) can be calculated by given formula, where G is the gain of PGA (G=100).
4. Maximum voltage on pin ETR, if PGA is bypassed.
5. Maximum voltage on pin ETS, if PGA is bypassed.
6.4.6 CMREF Circuit (VCM)
6.4.7 Internal AVDD Power-on Reset
Table 19. External Temperature Measurement
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICURON
5-bit current source enabled
1
5-bit programmable current source
0
270
320
µA
ICUROFF
5-bit current source disabled
Limited by leakage
10
nA
TK_CS
Temperature coefficient of current source
2
1000
ppm
/ ºK
VMAXETR
Voltage on pin ETR
3
1000/G
mV
VMAXETRMOD
Max voltage on pin ETR when PGA is
bypassed
4
1.22
V
VMAXETS
Voltage on pin ETS for resistor sensor
3
1000/G
V
VMAXETSMOD
Max. Voltage on pin ETS when PGA is
bypassed
5
1.22
V
Table 20. CMREF Circuit
Symbol
Parameter
Min
Typ
Max
Units
VVCM
Output voltage
1.6
1.7
1.8
V
CL
Load capacitance
100
nF
Table 21. Internal AVDD Power-on Reset
Symbol
Parameter
Min
Typ
Max
Units
V
PORHIA
Power On Reset Threshold
2.2
2.4
2.6
V
t
PORA
POR time - The duration from Power ON till
the time, internal Power On Reset signal
goes HIGH
1
1. POR pulse is always longer than tPORA whatever the slope of the supply.
1µs
I
PORA
Current consumption in POR block
2
2. I
PORA can not be switched off.
1.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com