Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 32 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 32 Page - ams AG

Back Button AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
31 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Digital Control Registers
08
CLK_REG
(Clock Control Register)
0010_0000
R/W
D[7:6]
Oversampling frequency clock selection. Default is 00
(high speed (HS) internal Clock)
00
Internal HS Clock with No Clock Output
01
Internal HS Clock with Clock Output
10
External Clock
D[5:4]
These two bits select the division ratio for HS clock/
external clock. Default is 10 (division by 4)
00
No division
01
Divide by 2
10
Divide by 4
11
Divide by 8
D[3:2]
These two bits select the division ratio of HS clock, by
which it should be divided before providing it on CLK
pin. Default is 00 (No Division)
00
No Division
01
Divide by 2
10
Divide by 4
11
Divide by 8
D[1]
This bit selects the division ratio of LS clock
0
LS _CLK undivided (Low Speed clock)
1
LS _CLK divide by 2
D[0]
Reserved
09
RESET_REG
(Reset Control Register)
1100_0000
R/W
D[7]
Entire device can be soft reset by writing “0” into this
register bit. This bit will take a default 1 value on coming
out of Reset
D[6]
Measurement Path can be soft reset by writing “0” into
this register bit. This bit will take a default 1 value after
Measurement Path is reset.
D[5:0]
Reserved
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com