Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 31 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 31 Page - ams AG

Back Button AS8510 Datasheet HTML 27Page - ams AG AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
30 - 46
AS8510
Datasheet - Detailed Descr i p ti on
07
FIR CTL_REG_I
0000_0100
R/W
D[7]
This bit selects FIR / MA Filter in Current channel.
Default is 0 (FIR)
0FIR
1MA Filter
D[6:3]
These bits select the number of data samples for
averaging in MA filter in Current channel.
Default is 0000 (bypass)
0000
bypass
0001
1
0011
3
0111
7
1111
15
D[2:1]
These two bits select the Measurement Path
architecture in both Current and Voltage channels.
Default is 10 (Dechopper after CIC)
00
Demodulator after CIC1
01
Demodulator before CIC1
10
Dechopper after CIC1
(preferred and suggested)
11
Demodulator before CIC1 with settled
sample
D[0]
Reserved. Default 0. Do not change
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com