Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 16 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 16 Page - ams AG

Back Button AS8510 Datasheet HTML 12Page - ams AG AS8510 Datasheet HTML 13Page - ams AG AS8510 Datasheet HTML 14Page - ams AG AS8510 Datasheet HTML 15Page - ams AG AS8510 Datasheet HTML 16Page - ams AG AS8510 Datasheet HTML 17Page - ams AG AS8510 Datasheet HTML 18Page - ams AG AS8510 Datasheet HTML 19Page - ams AG AS8510 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
15 - 46
AS8510
Datasheet - Electrical Character i s t ics
6.4.12 Internal Temperature Sensor
6.5 System Specifications
System Measurement Error Budget for Voltage and Current Channel.
Temperature Range: -20ºC to +65ºC; Output data rate is 1kHz, VCC = 3.3V, chopping enabled.
Notes:
1. These specifications are defined by taking one channel as reference and measured on the other channel.
2. Guaranteed by design.
3. System measurement error due to noise, individual block parameter drifts and non linearity. Based on evaluation, not tested.
4. System error due to offset is neglected because of chopper architecture.
Table 26. Internal Temperature Sensor
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TINTRNG
Temperature sensor range
-40
125
ºC
ΔTIN
Temperature measurement accuracy
3
ºC
TINTSLP
Temperature sensor slope
Guaranteed by design; at PGA gain 5
which is the recommended Gain for
internal temperature measurement.
27
Digits/C
TINT65G5
Temperature sensor output at gain 5
40660
41807
43012
Digits
Table 27. System Specifications
Symbol
Parameter
Min
Typ
Max
Units
IS
Channel to channel isolation
1
-90
dB
At
Difference in channel to channel attenuation
@600Hz
1, 2
3dB
Ph
Difference in phase shift between the two
channels @600Hz
1, 2
5Deg
Table 28. System Measurement Error Budget for Gains 5 and 25
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Err
System measurement error
3, 4
±0.5
±0.8
%
Measurement error due to PGA gain drift
From device evaluation
±0.3
%
Measurement error due to VREF drift6
±0.4
%
Measurement error due to non-linearity of PG Tested by distortion measurements
±0.025
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com