Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 40 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 40 Page - ams AG

Back Button AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG AS8510 Datasheet HTML 38Page - ams AG AS8510 Datasheet HTML 39Page - ams AG AS8510 Datasheet HTML 40Page - ams AG AS8510 Datasheet HTML 41Page - ams AG AS8510 Datasheet HTML 42Page - ams AG AS8510 Datasheet HTML 43Page - ams AG AS8510 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
39 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Table 34 provides valid combinations of Modulator clock, Chopper clock and Decimation R1 and the corresponding values of TDATA_STATUS_RD and
TADC.
7.9.3 Soft-reset of Device Using Bit D[7] of Reset Register 0x09
It is possible to soft-reset the device by writing “0” into D[7] bit of Reset Register at 0x09. On applying soft-reset, the device enters into
initialization state and D[6] bit changes back to “1”. The duration period of Initialization is 500
μsec, and, during this period, INT pin toggles at the
rate of internal low power oscillator. Toggling on INT during the period of initialization should be ignored in the system. Device configuration and
activation should be carried out only after the initialization period. See Figure 17 for the timing details of the sequence of device initialization on
soft-reset.
Figure 17. AS8510 Device Initialization Sequence at Soft-reset
7.9.4 Soft-reset of the Measurement Path Using Bit D[7] of Reset Register 0x09
Measurement path also can be reset by using D[6] bit of Reset Register at 0x09. On applying soft-reset only signal measurement path registers
will be reset. For applying this reset, device should be in STOP state. If the device is working with external clock, at the time of soft-reset the
clock needs to be disabled.
Table 34. Valid Combinations of Modulator Clock, Chopper Clock and Decimation Ratio R1
Modulator Clock
Chopper Frequency
CHOP_CLK
Decimation Ratio R1
TDATA_STATUS_RD
TADC
R2/(2*CHOP_CLK)
for R2=4
1.024MHz
2KHz
64
1usec * 64 * [4 - 2.5] = 96usec
1mSec
2.048MHz
2KHz
64
0.5usec * 64 * [8 - 2.5] = 176usec
1mSec
2.048MHz
2KHz
128
0.5usec * 128 * [4 - 2.5] = 96usec
1mSec
2.048MHz
4KHz
64
0.5usec * 64 * [4 - 2.5] = 48usec
0.5mSec
DATA-N
DATA-N+1
D4
D1
D2
D3
D4
D1
TDATA_STATUS_RD
TDATA_VALID
TDATA_INVALID
Re-Configure
Device
Start
ADC
INT
CHOP_CLK
Channel Data
Register
0x0000
DATA1
DATA2
D1
D2
D
3
D4
D1
D2
D3
D4
D1
D2
D3
D4
500µS
1.5mS
TDATA_STATUS_RD
TDATA_VALID
TDATA_INVALID
Soft Reset
UsingD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com