Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 9Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 10Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 11Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 12Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 13Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 14Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 15Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 16Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Enclosed Rated
Reactor Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts
Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
200
HIE 200W/U/PS/740
88247
21000V
15000V
4000
1-2
2-4
68
Clear
U
A
12
200
HIE 200W/C/U/PS/737
10058
20000V
15000V
3700
1-2
2-4
70
Coated
U
A
12
350
HIE 350W/V/PS/740
20138
37000
20000+
4000
2-3
4-6
68
Clear
V±15°
C
6
350
HIE 350W/C/V/PS/737
10056
35000
20000+
3700
2-3
4-6
70
Coated
V±15°
C
6
350
HIE 350W/H75/PS/740
96307
33000
15000
4000
2-3
4-6
68
Clear
HOR±75°
C
6
Open Rated
Reactor Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts
Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
200
HIPE 200W/V/UVS/PS/740
10067
20000
15000
4000
1-2
3-5
68
Clear
V±15°
B
12
350
HIPE 350W/V/UVS/PS/740
10068
35000
20000+
4000
2-3
5-8
68
Clear
V±15°
D
6
Open Rated
Reactor Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts
Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
200
HIPE 200W/C/V/UVS/PS/737
10059
19000
15000
3700
1-2
3-5
70
Coated
V±15°
B
12
350
HIPE 350W/C/V/UVS/PS/737
10057
33000
20000+
3700
2-3
5-8
70
Coated
V±15°
D
6
Enclosed Rated
Pulse Start Tubular
Reactor Control Gear
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up
Restrike
Oper.
Case
Watts Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
200
HIT 200W/H75/PS/4K
00285
20000
15000
4000
2-3
5-8
68
Clear
HOR±75°
H
12
350
HIT 350W/H75/PS/4K
00283
33000
20000
4000
2-3
5-8
68
Clear
HOR±75°
I
12
Open Rated
Lamp
Product
Initial
Avg. Life
CCT
Warm-Up Restrike
Oper.
Case
Watts
Description
No.
Lumens
Hours
(K)
(Min)
(Min)
RA
Finish
Pos.
Fig.
Qty
320
HIPE 320W/C/V/UVS/EL/PS/737
40904
30000
20000+
3700
2-3
5-8
70
Coated
V±15°
D
6
320
HIPE 320W/V/UVS/EL/PS/740
49786
32000
20000+
4000
2-3
5-8
70
Clear
V±15°
D
6
Dia. = 90mm
MOL = 215mm
LCL = 131mm
Base = E40
A
Dia. = 90mm
MOL = 215mm
LCL = 131mm
Base = E40
B
Dia. = 120mm
MOL = 2965mm
LCL = 182mm
Base = E40
C
Dia. = 120mm
MOL = 296mm
LCL = 182mm
Base = E40
D
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
13
Energy Saving Uni-Form® Pulse Start
NOTE: A life rating of 20,000+ hours means that 70% of the lamps initially installed will still be operating after 20,000 hours.
The 200 and 350 watt Uni-Form®
Energy Saving lamps are designed
to replace standard 250 and 400
watt metal halide lamps. These
lamps operate on reactor/ignitor
ballast systems specifically
designed to realise the best
performance from these light
sources, including longer life and
better lumen maintenance.
Features:
• Higher lumens vs. standard designs
• System savings, up to 50 watts
• Longer life (up to 20,000 hours)
• Faster warm-up and hot restrike
• Improved lumen maintenance
• Reduced colour shift
• Better cold temperature starting
(-40°C)
• UV Shield® option available (UVS)
Applications:
Petrol station canopies
Industrial high bay and
low bay fittings
Larger retail areas
LIGHTING
VENTURE
Dia. = 46mm
MOL = 225mm
LCL = 146mm
Base = E40
H
Dia. = 46mm
MOL = 285mm
LCL = 175mm
Base = E40
I
Some lamp descriptions include the 3 digit International Ra/CCT Code
5314 Pgs 10-19:5314 Venture Catalogue 10-19 12/03/2010 14:18 Page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com