Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 44Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 45Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 46Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 47Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 48Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 49Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 50Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 51Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
48
Ignitors
Wattage
Ignitor
Timed
Ignitor
Max Lamp
Pulse
Dimensions
FIxing
Weight
Max. Lead
Max Case
Internal
Fig
(W)
Code
Type
Current
Magnitude
Ø/LxWxH
(kg)
Capacitance
Temp
Temp
(A)
(kV)
(mm)
(pF)
(°C)
(°C)
MCi Series Ignitors 220/240V ±10% 50Hz
35-600
MCi6
Y
Semi-Parallel
N/A
3.0-4.5
50 x 25 x 17
M8 x 10
0.08
1000
105
N/A
14
Note
➁
50/70
MCi57
Y
Semi-Parallel
N/A
1.8-2.5
50 x 25 x 17
M8 x 10
0.08
100
105
N/A
14
600
MCi-600
Y
Semi-Parallel
N/A
4.0-5.0
50 x 25 x 17
M8 x 10
0.08
1000
105
N/A
14
1000
MCi-1000
Y
Semi-Parallel
N/A
3.0-5.0
39 x 71
M8 x 10
0.14
10000
105
N/A
11
MCi Series Ignitors 220/240V ±10% 60Hz
35-600
MCi6-6
Y
Semi-Parallel
N/A
3.0-4.5
50 x 25 x 17
M8 x 10
0.08
1000
105
N/A
14
Standard Ignitors 220/240V ±10% 50/60Hz
35-70
PXE070255
N
Superimposed
2
1.8-2.3
71 x 33 x 31
M8 x 10
0.18
200
90
20
10
35-450
PXE100255
N
Superimposed
5
3.5-4.5
71 x 33 x 31
M8 x 10
0.18
100
105
30
10
35-450
PAE400255
N
Superimposed
5
3.5-4.5
39 x 71
M8 x 10
0.18
100
105
30
11
35-450
PLE400255
N
Superimposed
5
3.0-4.5
127 x 50
M8 x 10
0.25
1000
90
30
11
600-1000
PXE000255
N
Superimposed
11
3.5-5.0
90 x 49 x 50
M8 x 10
0.45
100
105
25
10
2000
PBE900245
N
Superimposed
18
3.0-4.5
62 x 142
M12 x 13
0.93
200
90
20
11
50-70
PB070K255
N
Impulser
N/A
1.8-2.3
39 x 71
M8 x 10
0.14
2500
85
N/A
11
150
PB019K255
N
Impulser
N/A
3.0-4.5
39 x 71
M8 x 10
0.14
3000
85
N/A
11
250-400
PB404K255
N
Impulser
N/A
3.0-4.5
39 x 71
M8 x 10
0.14
3000
85
N/A
11
600
PB600K255
N
Impulser
N/A
3.0-4.5
52 x 115
M8 x 10
0.38
3000
85
N/A
11
1000
PB000K255
N
Impulser
N/A
3.0-4.5
52 x 115
M8 x 10
0.38
5000
85
N/A
11
250-2000
PH400K255
N
2 Wire Parallel
N/A
0.75-0.9
30 x 65
M8 x 10
0.08
20000
85
N/A
13
Standard Ignitors 380/440V ±10% 50/60Hz
1000-2000
PT150K445
N
Superimposed
12
5.0-6.0
51 x 110
M8 x 10
0.45
200
90
25
11
600-2000
PXE150485
N
Superimposed
11
4.0-5.0
90 x 49 x 50
M8 x 10
0.45
150
90
25
10
3500
PBE350485
N
Superimposed
18
4.0-5.0
62 x 142
M12 x 13
0.96
200
90
20
11
600-2000
PB500K445
N
Impulser
N/A
3.0-5.0
52 x 115
M8 x 10
0.38
5000
85
N/A
11
1000-2000
PBA200485
N
2 Wire Parallel
N/A
1.0-1.5
51 x 110
M8 x 10
0.34
10000
85
N/A
13
Timed Ignitors 220/240V ±10% 50/60Hz
35-70
PCX070255
Y
Superimposed
2
1.8-2.3
40 x 75
M8 x 10
0.18
200
105
20
11
35-450
PCX400255
Y
Superimposed
5
3.5-4.5
40 x 75
M8 x 10
0.18
100
105
30
11
600-1000
PCX000255
Y
Superimposed
12
3.5-5.0
60 x 93
M12 x 13
0.51
100
105
30
11
70
PJ070K255
Y
Impulser
N/A
1.8-2.3
39 x 71
M8 x 10
0.14
2500
90
N/A
11
150
PJ019K255
Y
Impulser
N/A
3.0-4.5
39 X 71
M8 x 10
0.14
3000
90
N/A
11
250-400
PJ404K255
Y
Impulser
N/A
3.0-4.5
39 x 71
M8 x 10
0.14
3000
90
N/A
11
600
PJ600K255
Y
Impulser
N/A
3.0-4.5
39 x 71
M8 x 10
0.14
2500
90
N/A
11
1000
PJ000K255
Y
Impulser
N/A
3.0-4.5
39 x 71
M8 x 10
0.14
2500
90
N/A
11
Timed Ignitors 380/440V ±10% 50/60Hz
1000-2000
PCT150445
Y
Superimposed
11
5.0-6.0
60 x 93
M12 x 13
0.51
100
90
25
11
ATEX Approved Ignitors 220/240V ±10% 50/60Hz
35-70
PXA070255
N
Superimposed
2
1.8-2.3
78 x 39 x 36
M8 x 10
0.14
200
90
20
10
35-150
PXA100255
N
Superimposed
5
3.5-4.0
78 x 39 x 36
M8 x 10
0.14
100
105
15
10
70-400
PXA400255
N
Superimposed
5
3.5-4.5
45 x 95
M8 x 10
0.25
100
90
30
11
600-1000
PXA000255
N
Superimposed
11
3.5-5.0
90 x 49 x 50
M8 x 10
0.45
100
105
25
10
35-70
PCA070255
Y
Superimposed
2
1.8-2.3
102 x 46 x 40
M8 x 10
0.25
200
90
20
10
35-150
PCA100255
Y
Superimposed
2
3.5-4.0
102 x 46 x 40
M8 x 10
0.25
100
90
20
10
70-400
PCA400255
Y
Superimposed
5
3.5-4.5
102 x 46 x 40
M8 x 10
0.25
100
90
30
10
Ignitors 240V ±6% 50/60Hz for SOX lamps
35
PB035K245
N
2 Wire Parallel
N/A
0.7-0.9
30 x 65
M8 x 10
0.08
5000
85
N/A
13
Note
➀
35-55
PB055K245
Y
2 Wire Parallel
N/A
0.7-1.0
45 x 75
M8 x 10
0.2
5000
85
N/A
13
90
PB090K245
Y
2 Wire Parallel
N/A
0.7-1.0
45 x 75
M8 x 10
0.2
5000
85
N/A
13
Ignitor 200V ±6% 50/60Hz for SDX lamps
70-150
PIE150205
N
Superimposed
2
1.8-2.5
71 x 33 x 31
M8 x 10
0.15
200
90
20
11
fig 10
fig 11
fig 13
fig 14
Notes
Note
➀ Suitable for 220V
Note
➁ For 600W HPS maxium lead
capacitance 100pF
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
5314 Pgs 38- 55:5314 Pgs 38-55 16/03/2010 11:17 Page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com