Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RIFRLCR080P25 Datasheet HTML 1Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 3Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 4Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 5Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 6Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 7Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 8Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
LIGHTING
VENTURE
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Simply a Better Metal Halide Lamp
Quality
● Exclusive formed body arc tube for consistency beyond ceramic metal halide
● Patented stronger weldless mount construction to minimise delivery and
handling breakages
● 'Tipless' arc tube improves performance for maximum colour and light
output uniformity
Performance
● Longer lamp life
● Enhanced lumen maintenance
● Excellent system colour uniformity
● Hotrestartinlessthanhalfthetimeofstandardpinchbodymetalhalidesystems
● 50% faster warm-up
Safety
● Shrouded 'open-rated' lamps to provide protection for luminaires without lenses
● UV Shield - blocks up to 80% UV, 50% more than most UV-reducing lamps
● Reduces UV damage to merchandise and signage
● AdditionalGlassGuardcoatingavailableforadditionalprotectionagainstbreakage
Selection
● Venture's Uni-Form pulse start series of lamps has the greatest selection
of lumen packages: 50W to 450W
● Most comprehensive range of open-rated products available in the industry
Exclusive tipless
arc tube - totally
uniform shape
further improves
performance for
maximum colour
and light output
uniformity
Unique formed
body arc tube -
shaped to follow
the curve of the
arc stream to
deliver superior
lamp efficacy
Safety shroud with
UV Shield
® -
blocks up to 80%
UV, 50% more than
most UV-reducing
lamps to prevent
Polycarbonate
fixtures from
yellowing
Patented stronger
weldless mount
construction -
no welds mean
less breakage
during shipping
and handling
.032
.024
.016
.008
0
-.008
-.016
-.024
-.032
-.032
-.024
-.016
-.008
0
.008
.016
.024
.032
CCY
CCX
Color Uniformity - MacAdam Ellipses
Standard MH
10-step ellipse
Ceramic MH
6-step ellipse
Uni-Form MH
4-step ellipse
5314 Pgs 2-9:5314 Venture Catalogue Pgs 2-9 12/03/2010 14:15 Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com