Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 38Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 39Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 40Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 41Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 42Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 43Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 44Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 45Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Control Gear for HPS, MH & Ceramic MH Lamps
400W
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
50Hz Control Gear For HPS, MH & Ceramic MH Lamps
Lamp
Ballast
Input
Circuit
Running
Δt/tw
Dimensions
Weight TC
Fig
Capacitor
Standard
Circuit
Timed
Circuit
(W)
(A)
Code
Voltage
Watts
Current
(°C)
LxWxH/Fix
(kg)
μf/V
Ignitor
Ignitor
(V)
(W)
(A)
(mm)
400
4.5
HAA40223221
230/240
445
2.13
75/140
150 x 108 x 91/135 x 76
4.8
Y
35
40/250
PAE400255
Y
MCi6
X
Note
➄
PXE100255
Y
PCX400255
Y
400
4.5
HSJ40223221
230/240
445
2.13
75/140
167 x 86 x 74/146-158
4.8
Y
35
40/250
PAE400255
Y
MCi6
X
Note
➃
PXE100255
Y
PCX400255
Y
400
4.5
HSP40223221
230/240
445
2.13
75/140
167 x 86 x 73/148-158
4
Y
17
40/250
PAE400255
Y
MCi6
X
Note
➁
PXE100255
Y
PCX400255
Y
400
4.5
HSV41322221
220/230/240/250
445
2.13
75/140
150 x 98 x 81/135 x 76
4.2
Y
9
40/250
PAE400255
N
PCX400255
N
PB404K255
A1
PJ404K255
A1
PXE100255
N
400
4.5
JAV41322221
220/230/240/250
445
2.13
80/140
120 x 104 x 81/90 x 100
4.2
Y
3
40/250
PAE400255
N
PCX400255
N
PB404K255
A1
PJ404K255
A1
PXE100255
N
400
4.5
EAV405202
200/210/220/
445
2.13
70/140
150 x 98 x 81/135 x 76
4.3
9
40/250
PAE400255
V1
PCX400255
V1
230/240/250
PB404K255
Z1
PJ404K255
Z1
Note
➀
PXE100255
V1
400
4.5
ASM40520221 200/210/220/
445
2.13
55/130
166 x 107 x 109/146 x 76
5.9
Y
5
40/250
PAE400255
V1
PCX400255
V1
230/240/250
PB404K255
Z1
PJ404K255
Z1
Note
➀
PXE100255
V1
400
4.5
HSM405202
200/210/220/
445
2.13
50/130
166 x 107 x 109/146 x 76
5.9
5
40/250
PAE400255
V1
PCX400255
V1
230/240/250
PB404K255
Z1
PJ404K255
Z1
Note
➀
PXE100255
V1
400
4.5
HSN415202
200/210/220/
445
2.13
65/130
133 x 107 x 109/113 x 76
5.9
5
40/250
PAE400255
V1
PCX400255
V1
230/240/250
PB404K255
Z1
PJ404K255
Z1
Note
➀
PXE100255
V1
400
4.5
HSN41322221
220/230/240/250
445
2.13
70/130
133 x 107 x 109/113 x 76
5.0
Y
5
40/250
PAE400255
N
PCX400255
N
PB404K255
A1
PJ404K255
A1
PXE100255
N
400
4.5
HSN415192
190/200/210/
445
2.13
70/130
133 x 107 x 109/113 x 76
5.0
5
40/250
PAE400255
T1
PCX400255
T1
220/230/240
PB404K255
U1
PJ404K255
UI
PXE100255
T1
400/ 4.5
AV254023221
230/240
445
2.13
70/140
150 x 108 x 91/135 x 76
6.0
Y
8
40/250
PAE400255
X1
PCX400255
X1
250
Note
➂
PXE100255
X1
60Hz Control Gear For HPS, MH & Ceramic MH Lamps
Lamp
Ballast
Input
Circuit
Running
Δt/tw
Dimensions
Weight TC
Fig
Capacitor
Standard
Circuit
Timed
Circuit
(W)
(A)
Code
Voltage
Watts
Current
(°C)
LxWxH/Fix
(kg)
μf/V
Ignitor
Ignitor
(V)
(W)
(A)
(mm)
400
4.5
HAA40222BD
220/230
445
2.13
75/140
150 x 108 x 91/135 x 76
4.6
Y
35
35/250
PAE400255
J1
MCi6-6
H1
Note
➄
PXE100255
J1
PCX400255
J1
400
4.5
HSJ40222BD
220/230
445
2.13
75/140
167 x 86 x 74/146-158
4.8
Y
35
35/250
PAE400255
J1
MCi6-6
H1
Note
➃
PXE100255
J1
PCX400255
J1
400
4.5
HSP40222BD
220/230
445
2.13
75/140
167 x 86 x 73/148-158
4
Y
17
35/250
PAE400255
J1
MCi6-6
H1
Note
➁
PXE100255
J1
PCX400255
J1
fig 1
fig 3
fig 5
fig 9
fig 8
NOTES
Note
➀ 220/230/240/250/260/270 for 60Hz
Capacitor 35/TBA
Note
➁ Additional fixings 66 x 148 - 154 &
side 139 - 151 mm
Note
➂ Suitable for step dimming to 250W
Note
➃ Additional fixings 70 x 146 - 155 mm
side fixing 146 - 155 mm
Note
➄ Additional side fixings 131 - 139 mm
LIGHTING
VENTURE
42
See Also EAV405202, ASM40520221 & HSM405202 Above
W
H
L
fig 35
fig 17
5314 Pgs 38- 55:5314 Pgs 38-55 12/03/2010 14:30 Page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com