Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 45Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 46Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 47Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 48Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 49Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 50Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 51Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 52Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Capacitors
LIGHTING
VENTURE
49
250V Grip Wire Plastic Case M8 x 12 stud fixing
Value (uF) Tolerance
Product Type
Dimensions
Fig
Order Code
Box
Dia x L. (mm)
Quantity
4.0
±10%
4/250
25 x 52
28
R1008CR040P25
165
5.0
±10%
5/250
25 x 52
28
R1008CR050P26
110
6.0
±10%
6/250
25 x 70
28
R1008CR060P25
165
8.0
±10%
8/250
30 x 74
28
R1008CR080P25
110
10.0
±10%
10/250
30 x 74
28
R1008CR100P25
110
12.0
±10%
12/250
30 x 74
28
R1008CR120P25
110
16.0
±10%
16/250
35 x 74
28
R1008CR160P25
85
20.0
±10%
20/250
40 x 70
28
R1008CR200P25
85
25.0
±10%
25/250
35 x 98
28
R1008CR250P25
85
30.0
±10%
30/250
40 x 94
28
R1008CR300P25
65
40.0
±10%
40/250
50 x 98
28
R1008CR400P25
65
250V Grip Wire Plastic Case Snap-in fixing
Value (uF) Tolerance
Product Type
Dimensions
Fig
Order Code
Box
Dia x L. (mm)
Quantity
4.0
±10%
4/250
25 x 52
30
RIFRLCR040P25
140
6.0
±10%
6/250
25 x 70
30
RIFRLCR060P25
140
8.0
±10%
8/250
30 x 74
30
RIFRLCR080P25
110
12.0
±10%
12/250
30 x74
30
RIFRLCR120P25
110
250V Grip Wire Alluminium Case M8 x 12 stud fixing
Value (uF) Tolerance
Product Type
Dimensions
Fig
Order Code
Box
Dia x L. (mm)
Quantity
2.0
±10%
2/250
25 x 58
27
R1008CR020A25
165
4.0
±10%
4/250
25 x 58
27
R1008CR040A25
165
6.0
±10%
6/250
25 x 76
27
R1008CR060A25
165
8.0
±10%
8/250
30 x 76
27
R1008CR080A25
110
10.0
±10%
10/250
30 x 76
27
R1008CR100A25
110
12.0
±10%
12/250
30 x 76
27
R1008CR200A25
85
30.0
±10%
30/250
40 x 100
27
R1008CR300A25
65
40.0
±10%
40/250
50 x 100
27
R1008CR400A25
65
250V 300mm Leads Plastic Case M8 x 12 stud fixing
Value (uF) Tolerance
Product Type
Dimensions
Fig
Order Code
Box
Dia x L. (mm)
Quantity
1.5
±10%
1.5/250
25 x 52
27
R1008HP015P25
165
2.0
±10%
2.0/250
25 x 52
27
R1008HP020P25
165
3.0
±10%
3.0/250
25 x 52
27
R1008HP030P25
165
4.0
±10%
4.0/250
25 x 52
27
R1008HP040P25
165
5.0
±10%
5.0/250
25 x 70
27
R1008HP050P25
165
5.5
±10%
5.5/250
25 x 70
27
R1008HP055P25
165
6.0
±10%
6.0/250
25 x 70
27
R1008HP060P25
165
7.0
±10%
7.0/250
25 x 70
27
R1008HP070P25
165
7.2
±10%
7.2/250
30 x 74
27
R1008HP072P25
165
8.0
±10%
8.0/250
30 x 74
27
R1008HP080P25
110
8.4
±10%
8.4/250
30 x 74
27
R1008HP084P25
110
10.0
±10%
10./250
30 x 74
27
R1008HP100P25M
110
12.0
±10%
12/250
30 x 74
27
R1008HP120P25
110
14.0
±10%
14/250
35 x 74
27
R1008HP140P25
85
15.0
±10%
15/250
35 x 74
27
R1008HP150P25
85
16.0
±10%
16/250
35 x 74
27
R1008HP160P25
85
18.0
±10%
18/250
35 x 74
27
R1008HP180P25
85
20.0
±10%
20/250
35 x 98
27
R1008HP200P25M
65
25.0
±10%
25/250
35 x 98
27
R1008HP250P25
85
30.0
±10%
30/250
40 x 94
27
R1008HP300P25M
65
35.0
±10%
35/250
40 x 94
27
R1008HP350P25
65
40.0
±10%
40/250
50 x 98
27
R1008HP400P25
65
45.0
±10%
45/250
50 x 98
27
R1008HP450P25
40
50.0
±10%
50/250
50 x 98
27
R1008HP500P25
40
55.0
±10%
55/250
50 x 98
27
R1008HP550P25
35
60.0
±10%
60/250
50 x 98
27
R1008HP600P25
40
Continued on page 50
fig 27
fig 28
L
fig 30
L
fig 37
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
5314 Pgs 38- 55:5314 Pgs 38-55 12/03/2010 14:31 Page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com