Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 35Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 36Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 37Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 38Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 39Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 40Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 41Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 42Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Control Gear for HPS, MH & Ceramic MH Lamps
70W
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
39
LIGHTING
VENTURE
50Hz Control Gear For HPS, MH & Ceramic MH Lamps
Lamp
Ballast
Input
Circuit
Running
Δt/tw
Dimensions
Weight TC
Fig
Capacitor
Standard
Circuit
Timed
Circuit
(W)
(A)
Code
Voltage
Watts
Current
(°C)
LxWxH/Fix
(kg)
μf/V
Ignitor
Ignitor
(V)
(W)
(A)
(mm)
70
1.0
HSA07223221
230/240
86
0.39
70/140
107 x 69 x 56/86-97
1.4
Y
17
10/250
PAE400255*
Y
MCi57
X
Note
➂
PXE070255
Y
MCi6*
X
PXE100255*
Y
PCX070255
Y
PCX400255*
Y
70
1.0
HSJ07223221
230/240
86
0.39
70/140
106 x 68 x 56/86-97
1.3
Y
35
10/250
PAE400255*
Y
MCi57
X
Note
➀
PXE070255
Y
MCi6*
X
PXE100255*
Y
PCX070255
Y
PCX400255*
Y
70
1.0
HSP07223221
230/240
86
0.39
70/140
106 x 65 x 52/52 x 86-98
1.1
Y
2
10/250
PAE400255*
Y
MCi57
X
PXE070255
Y
MCi6*
X
PXE100255*
Y
PCX070255
Y
PCX400255*
Y
70
1.0
HSG07322221
220/230/240/250
86
0.4
65/140
173 x 53 x 46/150-165
1.3
Y
7
10/250
PAE400255*
N
PCX070255
N
PB070K255
A1
PCX400255*
N
PXE070255
N
PJ070K255
A1
PXE100255*
N
70
1.0
HSZ07322221
220/230/240/250
85
0.39
60/140
118 x 66 x 46/52 x 75-86
1.4
Y
1
10/250
PAE400255*
N
PCX070255
N
PB070K255
A1
PCX400255*
N
PXE070255
N
PJ070K255
A1
PXE100255*
N
70
1.0
HSV07322221
220/230/240/250
87
0.39
70/140
94 x 75 x 63/54 x 54
1.5
Y
19
10/250
PAE400255*
N
PCX070255
N
Note
➁
PB070K255
A1
PCX400255*
N
PXE070255
N
PJ070K255
A1
PXE100255*
N
50/ 0.76/ HSA57223221 230/240
62/
0.29/
70/140
120 x 69 x 56/106-111
1.3
Y
17
8/250
PAE400255*
U
MCi57
P1
70
1.0
85
0.39
Note
➃
10/250
PXE070255
U
PCX070255
U
PXE100255*
U
PCX400255*
U
50/ 0.76/ HSJ57223221 230/240
62/
0.29/
70/140
106 x 68 x 56/86-97
1.3
Y
35
8/250
PAE400255*
U
MCi57
P1
70
1.0
85
0.39
Note
➀
10/250
PXE070255
U
PCX070255
U
PXE100255*
U
PCX400255*
U
50/ 0.76/ HSP57223221 230/240
62/
0.29/
70/140
106 x 65 x 52/52 x 86-98
1.3
Y
2
8/250
PAE400255*
U
MCi57
P1
70
1.0
85
0.39
10/250
PXE070255
U
PCX070255
U
PXE100255*
U
PCX400255*
U
50/ 0.76/ HSG57024521 240
65/
0.3/
70/140
173 x 53 x 46/150-165
1.5
Y
7
8/250
PAE400255*
Q1
PCX070255
Q1
70
1.0
86
0.4
10/250
PXE070255
Q1
PCX400255*
Q1
PXE100255*
Q1
50/ 0.76/ HSZ57223221 230/240
62/
0.29/
70/140
118 x 66 x 46/52 x 75-86
1.5
Y
1
8/250
PAE400255*
U
PCX070255
U
70
1.0
85
0.39
10/250
PXE070255
U
PCX400255*
U
PXE100255*
U
60Hz Control Gear For HPS, MH & Ceramic MH Lamps
Lamp
Ballast
Input
Circuit
Running
Δt/tw
Dimensions
Weight TC
Fig
Capacitor
Standard
Circuit
Timed
Circuit
(W)
(A)
Code
Voltage
Watts
Current
(°C)
LxWxH/Fix
(kg)
μf/V
Ignitor
Ignitor
(V)
(W)
(A)
(mm)
70
1.0
HSA072222BD 220/230
86
0.39
70/140
120 x 69 x 56/106-111
1.4
Y
17
8/250
PAE400255*
J1
MCi6-6*
H1
Note
➂
PXE070255
J1
PCX070255
J1
PXE100255*
J1
PCX400255*
J1
70
1.0
HSJ072222BD
220/230
86
0.39
70/140
106 x 68 x 56/86-97
1.3
Y
35
8/250
PAE400255*
J1
MCi6-6*
H1
Note
➀
PXE070255
J1
PCX070255
J1
PXE100255*
J1
PCX400255*
J1
70
1.0
HSP072222BD 220/230
86
0.39
70/140
106 x 65 x 52/52 x 86-98
1.1
Y
2
8/250
PAE400255*
J1
MCi6-6*
H1
PXE070255
J1
PCX070255
J1
PXE100255*
J1
PCX400255*
J1
70
1.0
HSZ073226X7
220/230/240/254
85
0.39
60/140
118 x 66 x 46/52 x 75-86
1.4
Y
1
8/250
PAE400255*
L1
PCX070255
L1
PB070K255
M1
PCX400255*
L1
PXE070255
L1
PJ070K255
M1
PXE100255*
L1
70
1.0
HSZ072218Y2
210 (230 50Hz)
85
0.39
60/140
118 x 66 x 46/52 x 75-86
1.4
1
8/250
PAE400255*
K1
PCX070255
K1
PXE070255
K1
PCX400255*
K1
PXE100255*
K1
fig 1
fig 2
fig 7
fig 17
fig 19
W
H
L
fig 35
Notes
Note
➀ Additional fixings 52 x 86 - 92 mm
and side fixings 84 - 96 mm
Note
➁ Additional fixings 54 x 42 mm
Note
➂ Additionalfixings53x96-109mm
and side fixings 95 - 109 mm
Note
➃Additionalfixings53x96-109mm
* These ignitors produce 3.0 -4.5kV and
are suitable for MH lamps and some HPS
and Ceramic Lamps
5314 Pgs 38- 55:5314 Pgs 38-55 12/03/2010 14:30 Page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com