Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 22Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 23Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 24Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 25Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 26Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 27Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 28Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 29Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Enclosed Rated
Double Ended
Lamp
Product
Product
Col.
Op.
Case
Watts Description
No.
Temp.
Pos.
Fig.
Qty
70
MH-DE 70W/6.5K
00255
6500
HOR±45°
A
25
70
MH-DE 70W/10K
00143
10000
HOR±45°
A
25
70
MH-DE 70W/15K
00256
15000
HOR±45°
A
25
70
MH-DE 70W/20K
00257
20000
HOR±45°
A
25
150
MH-DE 150W/6.5K
00258
6500
HOR±45°
B
25
150
MH-DE 150W/10K
00144
10000
HOR±45°
B
25
150
MH-DE 150W/15K
00259
15000
HOR±45°
B
25
150
MH-DE 150W/20K
00260
20000
HOR±45°
B
25
Enclosed Rated
Double Ended
Lamp
Product
Product
Col.
Op.
Case
Watts Description
No.
Temp.
Pos.
Fig.
Qty
250
MH-DE 250W/6.5K
00261
6500
HOR±45°
C
25
250
MH-DE 250W/10K
00145
10000
HOR±45°
C
25
250
MH-DE 250W/15K
00262
15000
HOR±45°
C
25
250
MH-DE 250W/20K
00263
20000
HOR±45°
C
25
Enclosed Rated
Tubular E27
Lamp
Product
Product
Col.
Op.
Case
Watts Description
No.
Temp.
Pos.
Fig.
Qty
150
HIT 150W/6.5K
00264
6500
U
D
12
150
HIT 150W/10K
00265
10000
U
D
12
150
HIT 150W/15K
00266
15000
U
D
12
150
HIT 150W/20K
00267
20000
U
D
12
Enclosed Rated
Tubular E40
Lamp
Product
Product
Col.
Op.
Case
Watts Description
No.
Temp.
Pos.
Fig.
Qty
250
HIT 250W/6.5K
00268
6500
U
E
12
250
HIT 250W/10K
00146
10000
U
E
12
250
HIT 250W/15K
00269
15000
U
E
12
250
HIT 250W/20K
00270
20000
U
E
12
400
HIT 400W/6.5K
00271
6500
U
F
12
400
HIT 400W/10K
00147
10000
U
F
12
400
HIT 400W/15K
00272
15000
U
F
12
400
HIT 400W/20K
00273
20000
U
F
12
1000
HIT 1000W/10K
00274
10000
U
G
6
Open Rated
Lamp
Product
Product
Col.
Op.
Case
Watts Description
No.
Temp.
Pos.
Fig.
Qty
250
HIPT 250W/10K
00275
10000
U
H
12
400
HIPT 400W/10K
00276
10000
U
I
12
Please contact the sales office for details of suitable control gear.
Aquatic & Special Purpose Lamps
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
26
MOL = 114.2mm
Base = RSC (R7s)
A
MOL = 132mm
Base = RSC (RX7s)
B
MOL= 163mm
Base= Fc2
C
Dia. = 38mm
MOL = 156mm
LCL = 102mm
Base = E27
D
Dia. = 46mm
MOL = 285mm
LCL = 175mm
Base = E40
F
Dia. = 46mm
MOL = 225mm
LCL = 146mm
Base = E40
E
Dia. = 76mm
MOL = 340mm
LCL = 220mm
Base = E40
G
Dia. = 52mm
MOL = 211mm
LCL = 132mm
Base = E40
H
Dia. = 52mm
MOL = 225mm
LCL = 146mm
Base = E40
I
Some lamp descriptions include the 3 digit International Ra/CCT Code
5341 Pgs 20-27:5314 Venture Catalogue 20-27 12/03/2010 14:23 Page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com