Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIFRLCR080P25 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 17Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 18Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 19Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 20Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 21Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 22Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 23Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 24Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
21
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
Ceramic Master-PLUS Metal Halide
All performance data is based on operation on Ventronic electronic ballasts
Dia. = 14.5mm
MOL = 90mm
LCL = 56mm
Base = G12
B
Dia. = 19mm
MOL = 90mm
LCL = 56mm
Base = G12
C
Dia. = 19mm
MOL = 100mm
LCL = 56mm
Base = G12
D
A
Dia. =14.5mm
MOL = 85mm
LCL =52mm
Dia. = 23mm
MOL = 120mm
LCL = 57mm
Base = RX7S
E
Dia. = 23mm
MOL = 135mm
LCL = 66mm
Base = RX7S
F
Dia. = 46mm
MOL = 211mm
LCL = 132mm
Base = E40
G
Dia. = 38mm
MOL = 156mm
LCL = 102mm
Base = E27
H
Dia. = 54mm
MOL = 141mm
LCL = 89mm
Base = E27
I
Ceramic Lamp G8.5
Lamp
Product
Initial
Avg. Life
CCT
Burn
Ctn.
Watts
Description
No.
Lumens
Hours
(K)
RA
Pos.
Fig
Qty
20W
CM-PLUS TC 20W/U/UVS/G8.5/830 00354
1800
9000
3000
80+
U
A
12
20W
CM-PLUS TC 20W/U/UVS/G8.5/942 00355
1800
9000
4200
90+
U
A
12
35W
CM-PLUS TC 35W/U/UVS/G8.5/830 00356
3400
12000
3000
80+
U
A
12
35W
CM-PLUS TC 35W/U/UVS/G8.5/942 00357
3300
12000
4200
90+
U
A
12
70W
CM-PLUS TC 70W/U/UVS/G8.5/830 00358
7000
12000
3000
80+
U
A
12
70W
CM-PLUS TC 70W/U/UVS/G8.5/942 00359
6600
12000
4200
90+
U
A
12
Ceramic Lamp G12
Lamp
Product
Initial
Avg. Life
CCT
Burn
Ctn.
Watts
Description
No.
Lumens
Hours
(K)
RA
Pos.
Fig
Qty
20W
CM-PLUS T 20W/U/UVS/G12/830
00360
1800
10000
3000
80+
U
B
12
20W
CM-PLUS T 20W/U/UVS/G12/942
00361
1650
10000
4200
90+
U
B
12
35W
CM-PLUS T 35W/U/UVS/G12/830
00362
3400
12000
3000
80+
U
B
12
35W
CM-PLUS T 35W/U/UVS/G12/942
00363
3300
12000
4200
90+
U
B
12
70W
CM-PLUS T 70W/U/UVS/G12/830
00364
7000
12000
3000
80+
U
C
12
70W
CM-PLUS T 70W/U/UVS/G12/942
00365
6600
12000
4200
90+
U
C
12
100W
CM-PLUS T 100W/U/UVS/G12/830
00366
9500
12000
3000
80+
U
D
12
100W
CM-PLUS T 100W/U/UVS/G12/942
00367
9000
12000
4200
90+
U
D
12
150W
CM-PLUS T 150W/U/UVS/G12/830
00368
15000
12000
3000
80+
U
D
12
150W
CM-PLUS T 150W/U/UVS/G12/942
00369
13500
12000
4200
90+
U
D
12
Ceramic Lamp MH-DE
Lamp
Product
Initial
Avg. Life
CCT
Burn
Ctn.
Watts
Description
No.
Lumens
Hours
(K)
RA
Pos.
Fig
Qty
70W
CM-PLUS TD 70W/U/UVS/RX7s/830
00370
7000
15000
3000
80+
U
E
12
70W
CM-PLUS TD 70W/U/UVS/RX7s/942
00371
6600
15000
4200
90+
U
E
12
150W
CM-PLUS TD 150W/U/UVS/RX7s/830 00372
14000
15000
3000
80+
U
F
12
150W
CM-PLUS TD 150W/U/UVS/RX7s/942 00373
12500
15000
4200
90+
U
F
12
Ceramic Lamp Tubular
Lamp
Product
Initial
Avg. Life
CCT
Burn
Ctn.
Watts
Description
No.
Lumens
Hours
(K)
RA
Pos.
Fig
Qty
70W
CM-PLUS TT 70W/U/UVS/830
00374
7000
18000
3000
80+
U
H
12
70W
CM-PLUS TT 70W/U/UVS/942
00375
6600
18000
4200
90+
U
H
12
100W
CM-PLUS TT 100W/U/UVS/830
00376
9500
18000
3000
80+
U
G
12
100W
CM-PLUS TT 100W/U/UVS/942
00377
9000
18000
4200
90+
U
G
12
150W
CM-PLUS TT 150W/U/UVS/830
00378
14000
18000
3000
80+
U
G
12
150W
CM-PLUS TT 150W/U/UVS/942
00379
13500
18000
4200
90+
U
G
12
Ceramic Lamp Elliptical
Lamp
Product
Initial
Avg. Life
CCT
Burn
Ctn.
Watts
Description
No.
Lumens
Hours
(K)
RA
Pos.
Fig
Qty
70W
CM-PLUS ED 70W/U/UVS/830
00380
7000
18000
3000
80+
U
I
12
70W
CM-PLUS ED 70W/U/UVS/942
00381
6600
18000
4200
90+
U
I
12
100W
CM-PLUS ED 100W/U/UVS/830
00382
9500
18000
3000
80+
U
I
12
100W
CM-PLUS ED 100W/U/UVS/942
00383
9000
18000
4200
90+
U
I
12
150W
CM-PLUS ED 150W/U/UVS/830
00384
14000
18000
3000
80+
U
I
12
150W
CM-PLUS ED 150W/U/UVS/942
00385
13500
18000
4200
90+
U
I
12
Some lamp descriptions include the 3 digit International Ra/CCT Code
5341 Pgs 20-27:5314 Venture Catalogue 20-27 12/03/2010 14:22 Page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com