Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 2Page - STMicroelectronics PM8903 Datasheet HTML 3Page - STMicroelectronics PM8903 Datasheet HTML 4Page - STMicroelectronics PM8903 Datasheet HTML 5Page - STMicroelectronics PM8903 Datasheet HTML 6Page - STMicroelectronics PM8903 Datasheet HTML 7Page - STMicroelectronics PM8903 Datasheet HTML 8Page - STMicroelectronics PM8903 Datasheet HTML 9Page - STMicroelectronics PM8903 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin description and connection diagrams
PM8903
6/34
Doc ID 022748 Rev 1
8
PSKIP / MS
Pulse-skip and master/slave definition.
Connect with a resistor to GND or leave it floating to define:
Pulse-skip feature status;
Master/slave for synchronization;
Switching frequency.
See
Section 5.8 on page 18.
9COMP
Error amplifier output.
Connect with an (RF - CF) // CP to FB. See Figure 1
The device cannot be disabled by pulling low this pin.
10
FB
Error amplifier inverting input.
Connect with RFB or RFB // (RS - CS) to VSEN and with an (RF - CF) // CP to
COMP. A resistor ROS to GND sets the output voltage ratio. See Figure 1
11
GND
All the internal references are referred to this pin. Connect to the PCB Signal
Ground.
12
VCC
Device power supply.
Operative voltage is 2.9 V - 5.5 V. Filter with at least 1
μF MLCC vs. GND.
13, 14
VIN
Power input voltage, connected to embedded high-side drain.
Supply range is from 2.8 V to 6 V. Bypass VIN pins to PGND pins close to the
IC package with high quality MLCC capacitors (at least 10
μF). See Figure 1.
15, 16
PGND
Power ground connection, connected to embedded low-side MOSFET source.
Connect to PGND PCB plane. See
Figure 1.
Thermal pad
Thermal pad connects the silicon substrate and makes good thermal contact
with the PCB. Connect to the PCB PGND plane.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com