Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 15Page - STMicroelectronics PM8903 Datasheet HTML 16Page - STMicroelectronics PM8903 Datasheet HTML 17Page - STMicroelectronics PM8903 Datasheet HTML 18Page - STMicroelectronics PM8903 Datasheet HTML 19Page - STMicroelectronics PM8903 Datasheet HTML 20Page - STMicroelectronics PM8903 Datasheet HTML 21Page - STMicroelectronics PM8903 Datasheet HTML 22Page - STMicroelectronics PM8903 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
PM8903
Application information
Doc ID 022748 Rev 1
19/34
6
Application information
6.1
Compensation network
The PM8903 implements a voltage mode control loop (see
Figure 11). The output voltage is
regulated to the internal reference (offset resistor between FB node and GND can be
neglected in control loop calculation).
Error amplifier output is compared with the oscillator sawtooth waveform to provide the
PWM signal to the driver section. The PWM signal is then transferred to the switching node
with VIN amplitude. This waveform is filtered by the output filter.
The converter transfer function is the small signal transfer function between the output of the
EA and VOUT. This function has a double pole at frequency FLC depending on the L-C output
filter and a zero at FESR depending on the output capacitor ESR. The DC gain of the
modulator is simply the input voltage VIN divided by the peak-to-peak oscillator voltage
ΔVOSC.
Figure 11.
PM8903 control loop
The compensation network closes the loop joining VOUT and EA output with a transfer
function ideally equal to -ZF/ZFB.
The compensation goal is to close the control loop assuring high DC regulation accuracy,
good dynamic performance, and stability. To achieve this, the overall loop needs high DC
gain, high bandwidth and good phase margin.
High DC gain is achieved giving an integrator shape to the compensation network transfer
function. Loop bandwidth (F0dB) can be fixed choosing the right RF/RFB ratio, however, for
RF
CF
RFB
L
ESR
COUT
VOUT
CP
ROS
RS
CS
DCR
OSC
HS
LS
DRIVER
DRIVER
ΔV
OSC
ERROR
AMPLIFIER
Modulator
Output Filter
ZFB
ZF
VREF
VIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com