Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 5 Page - STMicroelectronics

  PM8903 Datasheet HTML 1Page - STMicroelectronics PM8903 Datasheet HTML 2Page - STMicroelectronics PM8903 Datasheet HTML 3Page - STMicroelectronics PM8903 Datasheet HTML 4Page - STMicroelectronics PM8903 Datasheet HTML 5Page - STMicroelectronics PM8903 Datasheet HTML 6Page - STMicroelectronics PM8903 Datasheet HTML 7Page - STMicroelectronics PM8903 Datasheet HTML 8Page - STMicroelectronics PM8903 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PM8903
Pin description and connection diagrams
Doc ID 022748 Rev 1
5/34
2
Pin description and connection diagrams
Figure 3.
Pin connection (top view)
2.1
Pin description
1
2
3
4
567
8
16
15
14
13
12
11
10
9
EN
SYNCH
PGOOD
BOOT
VCC
GND
FB
COMP
Table 2.
Pin description
Pin#
Name
Function
1EN
Enable. Internally pulled up by 5
μA to VCC.
Force low to disable the device, set free or pull up above turn-on threshold to
enable the converter operations.
2
SYNCH
Synchronization pin.
According to PSKIP status, the IC sends the synchronization signal out of this
pin when master, while accepting a synchronization signal when slave.
Connect to the same SYNCH pin of a similar part when synchronizing ICs.
In case of single IC operation, leave floating.
3
PGOOD
Open drain output set free after SS has finished and pulled low when VOUT is
out of the PGOOD window or any protection is triggered.
Pull up to a voltage lower than VCC, if not used it can be left floating.
4BOOT
Bootstrap pin.
It provides power supply for the floating high-side driver. Connect with 0.1
μF
to PHASE. See
Figure 1.
5 to 7
PHASE
Output inductor connection.
The pins are connected to the embedded MOSFETs (high-side source and
low-side drain). Connect directly to output inductor. See
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com