Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 25Page - STMicroelectronics PM8903 Datasheet HTML 26Page - STMicroelectronics PM8903 Datasheet HTML 27Page - STMicroelectronics PM8903 Datasheet HTML 28Page - STMicroelectronics PM8903 Datasheet HTML 29Page - STMicroelectronics PM8903 Datasheet HTML 30Page - STMicroelectronics PM8903 Datasheet HTML 31Page - STMicroelectronics PM8903 Datasheet HTML 32Page - STMicroelectronics PM8903 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PM8903
PM8903 demonstration board
Doc ID 022748 Rev 1
29/34
If the voltage is between 2.9 V and 5.5 V it can supply also the signal input pins of both
devices (through the VCC pin). In this case, make sure that resistors R2/R20 are NM (not
mounted) and mount 0
Ω resistors on R1/R19 locations.
7.1.2
Signal input (VCC)
The controller is usually supplied separately from the power stage through the VCC input
pins.
Connect a power supply to connector J2 (pin one is VC and pin two is GND) on the
demonstration board to provide voltage on the signal input pins of both devices. Supply
voltage can range from 2.9 V to 5.5 V.
7.1.3
Output (VOUT)
On the standard demonstration board, the output voltage is programmed to be 1.5 V, but it
can be easily changed mounting one of the values suggested in
Table 9.
Select the ROS (R16/R34) resistor value with the following formula in order to program a
custom value for the output voltage of each device.
where:
VOUT is the desiderated output voltage
VREF is the internal voltage reference (0.6 V)
RFB resistor, on the demonstration board, is the sum of two resistors (R14/R15 for
device U1 and R32/R33 for device U2) and have a total value of 3.3 k
Ω
Table 9.
Typical ROS resistors (R16/R34)
Programmed output voltage
Resistor value
0.6 V
NM
0.8 V
10 k
Ω
1.0 V
4.9 k
Ω
1.2 V
3.3 k
Ω
1.5 V
2.2 k
Ω
1.8 V
1.65 k
Ω
2.5 V
1 k
Ω
R
OS
R
FB
V
REF
V
OUT
V
REF
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com